Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7FA6T2AB3CFM Datasheet(PDF) 84 Page - Renesas Technology Corp

Part # R7FA6T2AB3CFM
Description  Renesas Microcontrollers
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA6T2AB3CFM Datasheet(HTML) 84 Page - Renesas Technology Corp

Back Button R7FA6T2AB3CFM Datasheet HTML 80Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 81Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 82Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 83Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 84Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 85Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 86Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 87Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 88Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 93 page
background image
Appendix 3.
I/O Registers
This appendix describes I/O register address and access cycles by function.
3.1
Peripheral Base Addresses
This section provides the base addresses for peripherals described in this manual. Table 3.1 shows the name, description,
and the base address of each peripheral.
Table 3.1
Peripheral base address (1 of 3)
Name
Description
Base address
RMPU
Renesas Memory Protection Unit
0x4000_0000
TZF
TrustZone Filter
0x4000_0E00
SRAM
SRAM Control
0x4000_2000
BUS
BUS Control
0x4000_3000
DMAC0
Direct memory access controller 0
0x4000_5000
DMAC1
Direct memory access controller 1
0x4000_5040
DMAC2
Direct memory access controller 2
0x4000_5080
DMAC3
Direct memory access controller 3
0x4000_50C0
DMAC4
Direct memory access controller 4
0x4000_5100
DMAC5
Direct memory access controller 5
0x4000_5140
DMAC6
Direct memory access controller 6
0x4000_5180
DMAC7
Direct memory access controller 7
0x4000_51C0
DMA
DMAC Module Activation
0x4000_5200
DTC
Data Transfer Controller
0x4000_5400
ICU
Interrupt Controller
0x4000_6000
CACHE
CACHE
0x4000_7000
CPSCU
CPU System Security Control Unit
0x4000_8000
DBG
Debug Function
0x4001_B000
FCACHE
Flash Cache
0x4001_C100
SYSC
System Control
0x4001_E000
PORT0
Port 0 Control Registers
0x4001_F000
PORT2
Port 2 Control Registers
0x4001_F040
PORTA
Port A Control Registers
0x4001_F140
PORTB
Port B Control Registers
0x4001_F160
PORTC
Port C Control Registers
0x4001_F180
PORTD
Port D Control Registers
0x4001_F1A0
PORTE
Port E Control Registers
0x4001_F1C0
PFS_B
Pmn Pin Function Control Register
0x4001_F800
IIRFA
IIR Filter Accelerator
0x4002_0000
TFU
Trigonometric Function Unit
0x4002_1000
ELC_B
Event Link Controller
0x4008_2000
IWDT
Independent Watchdog Timer
0x4008_3200
WDT
Watchdog Timer
0x4008_3400
CAC
Clock Frequency Accuracy Measurement Circuit
0x4008_3600
MSTP
Module Stop Control A, B, C, D, E
0x4008_4000
RA6T2 Datasheet
Appendix 3. I/O Registers
R01DS0400EJ0120 Rev.1.20
Mar 31, 2022
Page 84 of 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com