Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7FA6T2AB3CFM Datasheet(PDF) 63 Page - Renesas Technology Corp

Part # R7FA6T2AB3CFM
Description  Renesas Microcontrollers
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA6T2AB3CFM Datasheet(HTML) 63 Page - Renesas Technology Corp

Back Button R7FA6T2AB3CFM Datasheet HTML 59Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 60Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 61Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 62Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 63Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 64Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 65Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 66Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 67Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 93 page
background image
IVREFn
(Reference input voltage)
IVCMPn
(analog input voltage)
CMPOUTn or CMPOUT012
or VCOUT
(output for monitoring the results
of comparison)
100 mV
100 mV
ttot(r)
ttot(f)
(n = 0 to 3)
Figure 2.50
Comparator Response Time
2.8
PGA Characteristics
Table 2.41
PGA characteristics in single mode (1 of 2)
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Offset error
Voff
-8
—
8
mV
 
PGAVSS input
voltage range
PGAVSS
0
—
0
V
 
AIN0 (G = 2.000)
0.05 × AVCC0
—
0.45 × AVCC0
V
 
AIN1 (G = 2.500)
0.047 × AVCC0
—
0.36 × AVCC0
V
 
AIN2 (G = 2.667)
0.046 × AVCC0
—
0.337 × AVCC0
V
 
AIN3 (G = 2.857)
0.046 × AVCC0
—
0.32 × AVCC0
V
 
AIN4 (G = 3.077)
0.045 × AVCC0
—
0.292 × AVCC0
V
 
AIN5 (G = 3.333)
0.044 × AVCC0
—
0.265 × AVCC0
V
 
AIN6 (G = 3.636)
0.042 × AVCC0
—
0.247 × AVCC0
V
 
AIN7 (G = 4.000)
0.04 × AVCC0
—
0.212 × AVCC0
V
 
AIN8 (G = 4.444)
0.036 × AVCC0
—
0.191 × AVCC0
V
 
AIN9 (G = 5.000)
0.033 × AVCC0
—
0.17 × AVCC0
V
 
AIN10 (G = 5.714)
0.031 × AVCC0
—
0.148 × AVCC0
V
 
AIN11 (G = 6.667)
0.029 × AVCC0
—
0.127 × AVCC0
V
 
AIN12 (G = 8.000)
0.027 × AVCC0
—
0.09 × AVCC0
V
 
AIN13 (G = 10.000)
0.025 × AVCC0
—
0.08 × AVCC0
V
 
AIN14 (G = 13.333)
0.023 × AVCC0
—
0.06 × AVCC0
V
 
RA6T2 Datasheet
2. Electrical Characteristics
R01DS0400EJ0120 Rev.1.20
Mar 31, 2022
Page 63 of 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com