Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7FA6T2AB3CFM Datasheet(PDF) 50 Page - Renesas Technology Corp

Part # R7FA6T2AB3CFM
Description  Renesas Microcontrollers
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA6T2AB3CFM Datasheet(HTML) 50 Page - Renesas Technology Corp

Back Button R7FA6T2AB3CFM Datasheet HTML 46Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 47Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 48Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 49Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 50Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 51Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 52Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 53Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 54Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 93 page
background image
2.3.10
SPI Timing
Table 2.28
SPI timing (1 of 2)
Conditions: High drive output is selected in the Port Drive Capability bit in the PmnPFS register.
Parameter
High Speed/
Default
Symbol
VCC = 3.0 to 3.6 V, C = 15
pF
VCC = 2.7 to 3.6 V, C = 30
pF
Unit
Note
Min
Max
Min
Max
RSPCK clock cycle
Master
 
tSPcyc
2
4096
2
4096
tTcyc
 
Slave
 
2
—
2
—
 
 
RSPCK clock high
pulse width
Master
 
tSPCKWH
(tSPcyc –
tSPCKr –
tSPCKf)/2 – 3
—
(tSPcyc –
tSPCKr –
tSPCKf)/2 – 3
—
ns
 
Slave
 
0.4
0.6
0.4
0.6
tSPcy
c
 
RSPCK clock low
pulse width
Master
 
tSPCKWL
(tSPcyc –
tSPCKr –
tSPCKf)/2 – 3
—
(tSPcyc –
tSPCKr –
tSPCKf)/2 – 3
—
ns
 
Slave
 
0.4
0.6
0.4
0.6
tSPcy
c
 
RSPCK clock rise
and fall time
Output
 
tSPCKr,
tSPCKf
—
5
—
5
ns
 
Input
 
—
1
—
1
µs
 
Data input setup
time
Master
High
Speed*1
tSU
0
—
—
—
ns
Default*2 
—
—
1.3
—
ns
Slave
 
2.5
—
2.7
—
ns
 
Data input hold time Master
High
Speed*1
tH
6.2
—
—
—
ns
Default*2
—
—
8
—
ns
Slave
 
2.5
—
2.5
—
ns
 
SSL setup time
Master
 
tLEAD
1
8
1
8
tSPcy
c
 
Slave
 
6
—
6
—
tTcyc
 
SSL hold time
Master
 
tLAG
1
8
1
8
tSPcy
c
 
Slave
 
6
—
6
—
tTcyc
 
TI SSP SS input
setup time
Slave
 
tTISS
2.5
—
2.8
—
ns
 
TI SSP SS input
hold time
Slave
 
tTISH
2.5
—
2.5
—
ns
 
TI SSP next-access
time
Slave
 
tTIND
2 × tTcyc +
SLNDL ×
tTcyc
—
2 × tTcyc +
SLNDL ×
tTcyc
—
ns
 
TI SSP master SS
output delay
Master
 
tTISSOD
—
8.9
—
8.9
ns
 
RA6T2 Datasheet
2. Electrical Characteristics
R01DS0400EJ0120 Rev.1.20
Mar 31, 2022
Page 50 of 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com