Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STAC9752 Datasheet(PDF) 22 Page - Integrated Device Technology

Part # STAC9752
Description  TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9752 Datasheet(HTML) 22 Page - Integrated Device Technology

Back Button STAC9752 Datasheet HTML 18Page - Integrated Device Technology STAC9752 Datasheet HTML 19Page - Integrated Device Technology STAC9752 Datasheet HTML 20Page - Integrated Device Technology STAC9752 Datasheet HTML 21Page - Integrated Device Technology STAC9752 Datasheet HTML 22Page - Integrated Device Technology STAC9752 Datasheet HTML 23Page - Integrated Device Technology STAC9752 Datasheet HTML 24Page - Integrated Device Technology STAC9752 Datasheet HTML 25Page - Integrated Device Technology STAC9752 Datasheet HTML 26Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 95 page
background image
STAC9752/9753
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
IDT™
22
STAC9752/9753
REV 3.3 1206
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
Figure 10. Split Independent Power Supply Operation
Note: Pin 48: To Enable SPDIF, use an 1 K
Ω to 10 KΩ external pulldown resistor. To Disable SPDIF, use an
1 K
Ω to 10 KΩ external pullup resistor. Do NOT leave Pin 48 floating.
0.1 µF
1 µF
0.1 µF
0.1 µF
10 µF
0.1 µF
*Suggested
AVdd1
AVdd2
DVdd1
DVdd2
XTL_IN
XTL_OUT
9
1
38
25
PC_BEEP
12
PHONE
13
AUX_L
14
AUX_R
15
VIDEO_L
16
VIDEO_R
17
CD_L
18
CD_GND
19
CD_R
20
MIC1
21
MIC2
22
LINE_IN_L
23
LINE_IN_R
41
820 pF
29
30
820 pF
AVss1
AVss2
26
42
4
7
DVss1
DVss2
HP_OUT_R
*Terminate ground
plane as close to codec
as possible
Analog
Ground
Digital
Ground
HP_OUT_L
39
37
MONO_OUT
36
LINE_OUT_R
35
LINE_OUT_L
43
44
40
48
34
33
31
27
VREFOUT
EAPD
CID1
CID0
28
47
46
45
11
RESET#
10
SYNC
24
BIT_CLK
SDATA_OUT
5
6
8
27 pF
22
Ω
EMI
Filter
3.3V ± 5%
3.3V or 5V ± 5%
TUNE TO LAYOUT
CAP2
AFILT1
AFILT2
GPIO0
GPIO1
HP_COMM
SPDIF
NC
NC
NC
VREF
SDATA_IN
STAC9752 (5V Analog)
or
STAC9753 (3.3V Analog)
1 µF
HP_COMM should be tied to
ground at the headphone pin.
32
*OPTIONAL
0.1 µF
1 µF*
27 pF
27 pF
24.576 MHz
CLOCK_IN*
*Add resistive divider
when using 5V clock.
(Near Clk source)
0
Ω
OPTIONAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com