Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STAC9752 Datasheet(PDF) 41 Page - Integrated Device Technology

Part # STAC9752
Description  TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9752 Datasheet(HTML) 41 Page - Integrated Device Technology

Back Button STAC9752 Datasheet HTML 37Page - Integrated Device Technology STAC9752 Datasheet HTML 38Page - Integrated Device Technology STAC9752 Datasheet HTML 39Page - Integrated Device Technology STAC9752 Datasheet HTML 40Page - Integrated Device Technology STAC9752 Datasheet HTML 41Page - Integrated Device Technology STAC9752 Datasheet HTML 42Page - Integrated Device Technology STAC9752 Datasheet HTML 43Page - Integrated Device Technology STAC9752 Datasheet HTML 44Page - Integrated Device Technology STAC9752 Datasheet HTML 45Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 95 page
background image
STAC9752/9753
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
IDT™
41
STAC9752/9753
REV 3.3 1206
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
5.6.
Slot Assignments for Audio
Figure 19. Bi-directional AC-Link Frame with Slot assignments
Note: The DAC & ADC can be assigned to slots 3&4, 6&9, 7&8, or 10&11.
The AC-Link output slots dedicated to audio are defined as follows:
The AC-Link input slots dedicated to audio are defined as follows:
Note: The ADC can be assigned to slots 3&4, 6&9, 7&8, or 10&11.
Table 13. AC-Link Slot Definitions
Slot
Name
Description
3
PCM L DAC playback
20-bit PCM data for Left channel
4
PCM R DAC playback
20-bit PCM data for Right channel
6
PCM Center
20-bit PCM data for Center channel
7
PCM L Surround
20-bit PCM data for L Surround channel
8
PCM R Surround
20-bit PCM data for R Surround channel
9
PCM LFE
20-bit PCM data for LFE channel
10:11
SPDIF Out
20-bit SPDIF Output
12
Reserved
Reserved
Table 14. AC-Link Input Slots Dedicated To Audio
Slot
Name
Description
3
PCM L ADC record
20-bit PCM data from Left input
4
PCM R ADC record
20-bit PCM data from Right inputs
6
Dedicated Microphone ADC 20-bit PCM data from optional 3rd ADC input
7
Vendor reserved
Vendor specific (enhanced input for docking, array mic, etc.)
8
Vendor reserved
Vendor specific (enhanced input for docking, array mic, etc.)
9
Vendor reserved
Vendor specific (enhanced input for docking, array mic, etc.)
12
Audio Interrupt
Provides optional interrupt capability for Audio CODEC (not usable when
a modem is present)
PCM
MIC
Vendor
RSVD
Vendor
RSVD
LINE2
ADC
HSET
ADC
Vendor
RSVD
STATUS
ADDR
OUTGOING STREAMS
(Controller output - SDATA_OUT)
INCOMING STREAMS
(codec output - SDATA_IN)
SYNC
TAG PHASE
DATA PHASE
PCM
LEFT
CMD
ADDR
NA
PCM
LSURR
PCM
LFE
SPDIF
TAG
CMD
DATA
PCM
RT
PCM
CTR
PCM
RSURR
SPDIF
IO
CTRL
PCM
LEFT
LINE1
ADC
TAG
STATUS
DATA
PCM
RT
IO
STATUS
SLOTS
0
1
2
3
4
5
6
7
8
9
10
11
12
Slot 12 can be used by the
AC'97 Codec if a Modem
Codec is not present.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com