Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STAC9752 Datasheet(PDF) 86 Page - Integrated Device Technology

Part # STAC9752
Description  TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9752 Datasheet(HTML) 86 Page - Integrated Device Technology

Back Button STAC9752 Datasheet HTML 82Page - Integrated Device Technology STAC9752 Datasheet HTML 83Page - Integrated Device Technology STAC9752 Datasheet HTML 84Page - Integrated Device Technology STAC9752 Datasheet HTML 85Page - Integrated Device Technology STAC9752 Datasheet HTML 86Page - Integrated Device Technology STAC9752 Datasheet HTML 87Page - Integrated Device Technology STAC9752 Datasheet HTML 88Page - Integrated Device Technology STAC9752 Datasheet HTML 89Page - Integrated Device Technology STAC9752 Datasheet HTML 90Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 95 page
background image
STAC9752/9753
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
IDT™
86
STAC9752/9753
REV 3.3 1206
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
12.1. Digital I/O
These signals connect the STAC9752/9753 to its AC'97 controller counterpart, an external crystal,
multi-CODEC selection and external audio amplifier.
Note: Pins 31, 33, and 34 are NO CONNECTS.
Table 32. Digital Connection Signals
Pin Name
Pin #
Type
Description
XTL_IN
2
I
24.576 MHz Crystal or External Clock Source
XTL_OUT
3
I/O
24.576 MHz Crystal
SDATA_OUT
5
I
Serial, time division multiplexed, AC'97 input stream
BIT_CLK
6
I/O
12.288 MHz serial data clock
SDATA_IN
8
O
Serial, time division multiplexed, AC'97 output stream
SYNC
10
I
48 KHz fixed rate sample sync
RESET#
11
I
AC'97 Master H/W Reset
N.C.
31
I
IDT Internal Test mode only.
N.C.
33
I
IDT Internal Test mode only
N.C.
34
I/O
IDT Internal Test mode only
GPIO0
43
I/O
General Purpose I/O
GPIO1
44
I/O
General Purpose I/O
CID0
45
I
Multi-CODEC ID select – bit 0
CID1
46
I
Multi-CODEC ID select – bit 1
EAPD
47
I/O
External Amplifier Power Down/GPIO
SPDIF
48
I/O
SPDIF digital output
Pin 48: To Enable SPDIF, use an 1 K
Ω - 10 KΩ external
pulldown. To Disable SPDIF, use an 1K
Ω - 10KΩ external
pullup. Do NOT leave Pin 48 floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com