Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STAC9752 Datasheet(PDF) 40 Page - Integrated Device Technology

Part # STAC9752
Description  TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9752 Datasheet(HTML) 40 Page - Integrated Device Technology

Back Button STAC9752 Datasheet HTML 36Page - Integrated Device Technology STAC9752 Datasheet HTML 37Page - Integrated Device Technology STAC9752 Datasheet HTML 38Page - Integrated Device Technology STAC9752 Datasheet HTML 39Page - Integrated Device Technology STAC9752 Datasheet HTML 40Page - Integrated Device Technology STAC9752 Datasheet HTML 41Page - Integrated Device Technology STAC9752 Datasheet HTML 42Page - Integrated Device Technology STAC9752 Datasheet HTML 43Page - Integrated Device Technology STAC9752 Datasheet HTML 44Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 95 page
background image
STAC9752/9753
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
IDT™
40
STAC9752/9753
REV 3.3 1206
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
5.5.
AC-Link Interoperability Requirements and Recommendations
5.5.1.
“Atomic slot” Treatment of Slot 1 Address and Slot 2 Data
Command or Status Address and Data cannot be split across multiple AC-Link frames. The following
transactions require that valid Slot 1 Address and valid Slot 2 Data be treated as “atomic” (insepara-
ble) with Slot 0 Tag bits for Address and Data set accordingly (that is, both valid):
1.
AC‘97 Digital Controller write commands to Primary CODECs
2.
AC‘97 CODEC status responses
Whenever the AC‘97 Digital Controller addresses a Primary CODEC or an AC‘97 CODEC responds
to a read command, Slot 0 Tag bits should always be set to indicate actual Slot 1 and Slot 2 data
validity.
When the AC‘97 Digital Controller addresses a Secondary CODEC, the Slot 0 Tag bits for Address
and Data must be 0. A non-zero, 2-bit CODEC ID in the LSBs of Slot 0 indicates a valid Read or
Write Address in Slot 1, and the Slot 1 R/W bit indicates presence or absence of valid Data in Slot 2.
Table 11. Primary CODEC Addressing: Slot 0 Tag Bits
Function
Slot 0, bit 15
(Valid
Frame)
Slot 0, bit 14
(Valid Slot 1
Address)
Slot 0, bit 13
(Valid Slot 2 Data)
Slot 0, Bits 1-0
(CODEC ID)
AC‘97 Digital Controller Primary
Read Frame N, SDATA_OUT
1
1
0
00
AC‘97 Digital Controller Primary
Write Frame N, SDATA_OUT
1
1
1
00
AC‘97 CODEC Status Frame
N+1, SDATA_IN
1
1
1
00
Table 12. Secondary CODEC Addressing: Slot 0 Tag Bits
Function
Slot 0, bit 15
(Valid
Frame)
Slot 0, bit 14
(Valid Slot 1
Address)
Slot 0, bit 13
(Valid Slot 2
Data)
Slot 0, Bits
1-0
(CODEC ID)
AC‘97 Digital Controller
Secondary Read Frame N,
SDATA_OUT
1
0
0
01, 10, or 11
AC‘97 Digital Controller
Secondary Write Frame N,
SDATA_OUT
1
0
0
01, 10, or 11
AC‘97 CODEC Status Frame N+1,
SDATA_IN
1
1
1
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com