Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STAC9752 Datasheet(PDF) 89 Page - Integrated Device Technology

Part # STAC9752
Description  TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9752 Datasheet(HTML) 89 Page - Integrated Device Technology

Back Button STAC9752 Datasheet HTML 85Page - Integrated Device Technology STAC9752 Datasheet HTML 86Page - Integrated Device Technology STAC9752 Datasheet HTML 87Page - Integrated Device Technology STAC9752 Datasheet HTML 88Page - Integrated Device Technology STAC9752 Datasheet HTML 89Page - Integrated Device Technology STAC9752 Datasheet HTML 90Page - Integrated Device Technology STAC9752 Datasheet HTML 91Page - Integrated Device Technology STAC9752 Datasheet HTML 92Page - Integrated Device Technology STAC9752 Datasheet HTML 93Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 95 page
background image
STAC9752/9753
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
IDT™
89
STAC9752/9753
REV 3.3 1206
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
13. ORDERING INFORMATION
yy = 2 digit revision. Contact Sales for complete ordering number.
Add an “R” to the end of the Part number for Tape and Reel delivery. Minimum order quantitiy is
2ku.
14. PACKAGE DRAWING
Part Number
Package
Temp Range
Supply Range
STAC9752XXTAEyyX
48-pin RoHS QFP 7mm x 7mm x 1.4mm
0° C to +70° C
DVdd = 3.3V, AVdd = 5.0V
STAC9753XXTAEyyX
48-pin RoHS QFP 7mm x 7mm x 1.4mm
0° C to +70° C
DVdd = 3.3V, AVdd = 3.3V
Key
LQFP Dimensions in mm
Min.
Nom.
Max.
A
1.40
1.50
1.60
A1
0.05
0.10
0.15
A2
1.35
1.40
1.45
D
8.80
9.00
9.20
D1
6.90
7.00
7.10
E
8.80
9.00
9.20
E1
6.90
7.00
7.10
L
0.45
0.60
0.75
e
0.50
c
0.09
-
0.20
b
0.17
0.22
0.27
48 pin LQFP
D
D1
Pin 1
b
A
A2
A1
c
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com