Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STAC9752 Datasheet(PDF) 14 Page - Integrated Device Technology

Part # STAC9752
Description  TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9752 Datasheet(HTML) 14 Page - Integrated Device Technology

Back Button STAC9752 Datasheet HTML 10Page - Integrated Device Technology STAC9752 Datasheet HTML 11Page - Integrated Device Technology STAC9752 Datasheet HTML 12Page - Integrated Device Technology STAC9752 Datasheet HTML 13Page - Integrated Device Technology STAC9752 Datasheet HTML 14Page - Integrated Device Technology STAC9752 Datasheet HTML 15Page - Integrated Device Technology STAC9752 Datasheet HTML 16Page - Integrated Device Technology STAC9752 Datasheet HTML 17Page - Integrated Device Technology STAC9752 Datasheet HTML 18Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 95 page
background image
STAC9752/9753
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
IDT™
14
STAC9752/9753
REV 3.3 1206
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
6.
Peak-to-Peak Ripple over Passband meets ± 0.25dB limits, 48 KHz Sample Frequency.
7.
Stop Band rejection determines filter requirements. Out-of-Band rejection determines audible noise.
8.
The integrated Out-of-Band noise generated by the DAC process, during normal PCM audio playback, over a bandwidth
28.8 to 100 KHz, with respect to a 1 Vrms DAC output.
2.1.6.
STAC9753 3.3V Analog Performance Characteristics
(T
ambient = 25 ºC, AVdd = DVdd = 3.3 V ± 5%, AVss=DVss=0 V; 1 KHz input sine wave; Sample Fre-
quency = 48 KHz; 0 dB = 1 Vrms, with a 10 K
Ω, 50 pF load, Testbench Characterization BW: 20 Hz
to 20 KHz, 0 dB settings on all gain stages)
Parameter
Min
Typ
Max
Unit
Full Scale Input Voltage:
All Analog Inputs except Microphone
-
1.00
-
Vrms
Microphone Inputs (Note 1)
-
0.03
-
Vrms
Full Scale Output:
Line Output
-
0.5
-
Vrms
PCM (DAC) to LINE_OUT
-
0.5
-
Vrms
MONO_OUT
-
0.5
-
Vrms
HEADPHONE_OUT (32
Ω load) per channel (peak)
-
12.5
-
mW
Dynamic Range: -60dB signal level (Note 2)
CD to LINE_OUT
-
85
-
dB
LINE / AUX / VIDEO to LINE_OUT
-
85
-
dB
PCM (DAC) to LINE_OUT
75
82
-
dB
PCM (DAC) in BYPASS Mode to LINE_OUT
-
83
-
dB
LINE_IN to A/D
75
85
-
dB
LINE_IN to HEADPHONE_OUT
-
85
-
dB
Analog Frequency Response (Note 3)
10
-
30,000
Hz
Total Harmonic Distortion + Noise (-3dB): (Note 4)
CD to LINE_OUT
-
-85
-
dB
LINE / AUX / VIDEO to LINE_OUT
-
-85
-
dB
PCM (DAC) to LINE_OUT (full scale)
-
-81
-
dB
PCM (DAC) in BYPASS Mode to LINE_OUT
-
-84
-
dB
LINE_IN to A/D (-3dBV input Level)
-
-85
-
dB
HEADPHONE_OUT (32
Ω load)
-
-68
-
dB
HEADPHONE_OUT (10 k
Ω load)
-
-77
-
dB
SNR (idle channel) (Note 5)
DAC to LINE_OUT
75
85
-
dB
DAC in BYPASS Mode
-
87
-
dB
LINE / AUX / VIDEO to LINE_OUT
-
86
-
dB
LINE_IN to A/D with High Pass Filter enabled
-
88
-
dB
A/D & D/A Digital Filter Pass Band (Note 6)
20
-
19,200
Hz
A/D & D/A Digital Filter Transition Band
19,200
-
28,800
Hz
A/D & D/A Digital Filter Stop Band
28,800
-
-
Hz
A/D & D/A Digital Filter Stop Band Rejection (Note 7)
-100
-
-
dB
DAC Out-of-Band Rejection (Note 8)
-55
-
-
dB
Group Delay (48 KHz sample rate)
-
-
1
ms
Power Supply Rejection Ratio (1 KHz)
-
-70
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com