Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STAC9752 Datasheet(PDF) 80 Page - Integrated Device Technology

Part # STAC9752
Description  TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9752 Datasheet(HTML) 80 Page - Integrated Device Technology

Back Button STAC9752 Datasheet HTML 76Page - Integrated Device Technology STAC9752 Datasheet HTML 77Page - Integrated Device Technology STAC9752 Datasheet HTML 78Page - Integrated Device Technology STAC9752 Datasheet HTML 79Page - Integrated Device Technology STAC9752 Datasheet HTML 80Page - Integrated Device Technology STAC9752 Datasheet HTML 81Page - Integrated Device Technology STAC9752 Datasheet HTML 82Page - Integrated Device Technology STAC9752 Datasheet HTML 83Page - Integrated Device Technology STAC9752 Datasheet HTML 84Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 95 page
background image
STAC9752/9753
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
IDT™
80
STAC9752/9753
REV 3.3 1206
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
9. LOW POWER MODES
The STAC9752/9753 is capable of operating at reduced power when no activity is required. The
state of power down is controlled by the Powerdown Register (26h). There are 7 commands of sep-
arate power down. The power down options are listed in Table 27. The first three bits, PR[2:0], can
be used individually or in combination with each other, and control power distribution to the ADCs,
DACs and Mixer. The last analog power control bit, PR3, affects analog bias and reference voltages,
and can only be used in combination with PR0, PR1, and PR2. PR3 essentially removes power from
all analog sections of the CODEC, and is generally only asserted when the CODEC will not be
needed for long periods. PR0 and PR1 control the PCM ADCs and DACs only. PR2 and PR3 do not
need to be “set” before a PR4, but PR0 and PR1 should be “set” before PR4. PR5 disables the DSP
clock and does not require an external cold reset for recovery. PR6 disables the headphone driver
amplifier for additional analog power saving.
Figure 22. Example of STAC9752/9753 Powerdown/Powerup flow
The Figure 22 illustrates one example procedure to do a complete powerdown of STAC9752/9753.
From normal operation, sequential writes to the Powerdown Register are performed to power down
STAC9752/9753 a section at a time. After everything has been shut off, a final write (of PR4) can be
executed to shut down the AC-Link. The part will remain in sleep mode with all its registers holding
their static values. To wake up, the AC'97 controller will send an extended pulse on the sync line,
issuing a warm reset. This will restart the AC-Link (resetting PR4 to zero). The STAC9752/9753 can
also be woken up with a cold reset. A cold reset will reset all of the registers to their default states
(Paged Registers are semi-exempt). When a section is powered back on, the Powerdown Control/
Status register (index 26h) should be read to verify that the section is ready (stable) before attempt-
ing any operation that requires it.
Table 27. Low Power Modes
GRP Bits
Function
PR0
PCM_In ADCs & Input Mux Powerdown
PR1
PCM_Out DACs Powerdown
PR2
Analog Mixer powerdown (VREF still on)
PR3
Analog Mixer powerdown (VREF off)
PR4
Digital Interface (AC-Link) powerdown (BIT_CLK forced low)
PR5
Digital Clock disable, BIT_CLK still on
PR6
Powerdown HEADPHONE_OUT
Warm Reset
Cold Reset
Ready =1
Normal
ADCs off PR0
DACs off PR1
Analog off
PR2 or PR3
Digital I/F off
PR4
Shut off
AC-Link
Default
PR0=0 & ADC=1
PR1=0 & DAC=1
PR2=0 & ANL=1
PR0=1
PR1=1
PR2=1
PR4=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com