Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STAC9752 Datasheet(PDF) 23 Page - Integrated Device Technology

Part # STAC9752
Description  TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9752 Datasheet(HTML) 23 Page - Integrated Device Technology

Back Button STAC9752 Datasheet HTML 19Page - Integrated Device Technology STAC9752 Datasheet HTML 20Page - Integrated Device Technology STAC9752 Datasheet HTML 21Page - Integrated Device Technology STAC9752 Datasheet HTML 22Page - Integrated Device Technology STAC9752 Datasheet HTML 23Page - Integrated Device Technology STAC9752 Datasheet HTML 24Page - Integrated Device Technology STAC9752 Datasheet HTML 25Page - Integrated Device Technology STAC9752 Datasheet HTML 26Page - Integrated Device Technology STAC9752 Datasheet HTML 27Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 95 page
background image
STAC9752/9753
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
IDT™
23
STAC9752/9753
REV 3.3 1206
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
4.
CONTROLLER, CODEC AND AC-LINK
This section describes the physical and high-level functional aspects of the AC‘97 Controller to
CODEC interface, referred to as AC-Link.
4.1.
AC-Link Physical Interface
The STAC9752/9753 communicates with its companion Digital Controller via the AC-Link digital
serial interface. AC-Link has been defined to support connections between a single Controller and
up to four CODECs. All digital audio, modem and handset data streams, as well as all control (com-
mand/status) information are communicated over this serial interconnect, which consists of a clock
(BIT_CLK),
frame
synchronization
(SYNC),
serial
data
in
(SDATA_IN),
serial
data
out
(SDATA_OUT) and a reset (RESET#).
4.2.
Controller to Single CODEC
The simplest and most common AC‘97 system configuration is a point-to-point AC-Link connection
between Controller and the STAC9752/9753, as illustrated in Figure 11.
Figure 11. AC-Link to its Companion Controller
A primary CODEC may act as either a source or a consumer of the bit clock (BIT_CLK), depending
on the configuration.
While RESET# is asserted, if a clock is present at the BIT_CLK pin for at least five cycles before
RESET# is de-asserted, then the CODEC is a consumer of BIT_CLK, and must not drive BIT_CLK
when RESET# is de-asserted. The clock is being provided by other than the primary CODEC, for
instance by the controller or an independent clock chip. In this case the primary CODEC must act as
a consumer of the BIT_CLK signal as if it were a secondary CODEC.
This clock source detection must be done each time the RESET# line is asserted. In the case of a
warm reset, where the clock is halted but RESET# is not asserted, the CODEC must remember the
clock source, and not begin generating the clock on the assertion of SYNC, if the CODEC had previ-
ously determined that it was a consumer of BIT_CLK.
SYNC
Digital DC'97
Controller
AC'97 Codec
BIT_CLK
SDATA_OUT
SDATA_IN
RESET#
XTAL_IN
XTAL_OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com