Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STAC9752 Datasheet(PDF) 12 Page - Integrated Device Technology

Part # STAC9752
Description  TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9752 Datasheet(HTML) 12 Page - Integrated Device Technology

Back Button STAC9752 Datasheet HTML 8Page - Integrated Device Technology STAC9752 Datasheet HTML 9Page - Integrated Device Technology STAC9752 Datasheet HTML 10Page - Integrated Device Technology STAC9752 Datasheet HTML 11Page - Integrated Device Technology STAC9752 Datasheet HTML 12Page - Integrated Device Technology STAC9752 Datasheet HTML 13Page - Integrated Device Technology STAC9752 Datasheet HTML 14Page - Integrated Device Technology STAC9752 Datasheet HTML 15Page - Integrated Device Technology STAC9752 Datasheet HTML 16Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 95 page
background image
STAC9752/9753
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
IDT™
12
STAC9752/9753
REV 3.3 1206
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
2.1.4.
AC-Link Static Digital Specifications
(Tambient = 25 ºC, DVdd = 3.3V ± 5%, AVss=DVss=0V)
Note: Due to an internal pulldown resistor, the BIT_CLK pin will exhibit less than 100
µA of leakage current
when the CODEC is configured as primary. This pin meets the +/- 10
µA leakage specification when
configured as secondary.
2.1.5.
STAC9752 5 V Analog Performance Characteristics
(Tambient = 25 ºC, AVdd = 5.0 V ± 5%, DVdd = 3.3 V ± 5%, AVss=DVss=0 V; 1 KHz input sine wave;
Sample Frequency = 48 KHz; 0 dB = 1 Vrms, with a 10 K
Ω, 50 pF load, Testbench Characterization
BW: 20 Hz to 20 KHz, 0 dB settings on all gain stages)
Parameter
Symbol
Min
Typ
Max
Unit
Input voltage range
Vin
-0.30
-
DVdd + 0.30
V
Low level input range
Vil
-
-
0.35 x DVdd
V
High level input voltage
Vih
0.65 x DVdd
-
-
V
High level output voltage
Voh
0.90 x DVdd
-
-
V
Low level output voltage
Vol
-
-
0.1 x DVdd
V
Input leakage current (AC-Link inputs)
-
-10
-
10
µA
Output leakage current (Hi-Z AC-Link outputs)
-
-10
-
10
µA
BIT_CLK (primary mode) Output leakage current
-
-10
-
100
µA
BIT_CLK (secondary mode) Output leakage current
-
-10
-
10
µA
Output buffer drive current
-
-
4
-
mA
BIT_CLK/SPDIF Output drive current
-
-
18
-
mA
Parameter
Min
Typ
Max
Unit
Full Scale Input Voltage:
All Analog Inputs except Microphone
-
1.00
-
Vrms
Microphone Inputs (Note 1)
-
0.03
-
Vrms
Full Scale Output:
Line Output
-
1.00
-
Vrms
PCM (DAC) to LINE_OUT
-
1.00
-
Vrms
MONO_OUT
-
1.00
-
Vrms
HEADPHONE_OUT (32
Ω load) per channel (peak)
-
50
-
mW
Dynamic Range: -60dB signal level (Note 2)
CD to LINE_OUT
-
90
-
dB
LINE / AUX / VIDEO to LINE_OUT
-
90
-
dB
PCM (DAC) to LINE_OUT
80
87
-
dB
PCM (DAC) in BYPASS Mode to LINE_OUT
-
88
-
dB
LINE_IN to A/D (1 VRMS Input Referenced)
80
90
-
dB
LINE_IN to HEADPHONE_OUT
-
90
-
dB
Analog Frequency Response (Note 3)
10
-
30,000
Hz
Total Harmonic Distortion + Noise (-3dB): (Note 4)
CD to LINE_OUT
-
-85
-
dB
Other to LINE_OUT
-
-87
-
dB
PCM (DAC) to LINE_OUT (full scale)
-
-83
-
dB
PCM (DAC) in BYPASS Mode to LINE_OUT
-
-86
-
dB
LINE_IN to A/D (-3dBV input Level)
-
-85
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com