Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STAC9752 Datasheet(PDF) 57 Page - Integrated Device Technology

Part # STAC9752
Description  TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9752 Datasheet(HTML) 57 Page - Integrated Device Technology

Back Button STAC9752 Datasheet HTML 53Page - Integrated Device Technology STAC9752 Datasheet HTML 54Page - Integrated Device Technology STAC9752 Datasheet HTML 55Page - Integrated Device Technology STAC9752 Datasheet HTML 56Page - Integrated Device Technology STAC9752 Datasheet HTML 57Page - Integrated Device Technology STAC9752 Datasheet HTML 58Page - Integrated Device Technology STAC9752 Datasheet HTML 59Page - Integrated Device Technology STAC9752 Datasheet HTML 60Page - Integrated Device Technology STAC9752 Datasheet HTML 61Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 95 page
background image
STAC9752/9753
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
IDT™
57
STAC9752/9753
REV 3.3 1206
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
This register is used to control the 3D stereo enhancement function, IDT Surround 3D (SS3D), built
into the AC'97 component. Note that register bits DP3-DP2 are used to control the separation ratios
in the 3D control for LINE_OUT. SS3D provides for a wider soundstage extending beyond the nor-
mal 2-speaker arrangement. Note that the 3D bit in the general purpose register (20h) must be set to
1 to enable SS3D functionality to allow the bits in 22h to take effect. The three separation ratios are
implemented. The separation ratio defines a series of equations that determine the amount of depth
difference (High, Medium, and Low) perceived during 2-channel playback. The ratios provide for
options to narrow or widen the soundstage.
8.1.17.
Audio Interrupt and Paging (24h)
Default: 0000h
Bit(s)
Reset Value
Name
Description
15:4
0
RESERVED
Bits not used, should read back 0
3:2
0
DP3, DP2
LINE_OUT SEPARATION RATIO
DP3 DP2 effect
0
0
0 ( OFF )
0
1
3 ( LOW )
1
0
4.5 ( MED )
1
1
6 ( HIGH )
1:0
0
RESERVED
Bits not used, should read back 0
D15
D14
D13
D12
D11
D10
D9
D8
I4
I3
I2
I1
I0
RESERVED
D7
D6
D5
D4
D3
D2
D1
D0
RESERVED
PG3
PG2
PG1
PG0
Bit(s) Reset Value
Access
Name
Description
15
0
Read / Write
I4
0 = Interrupt is clear
1 = Interrupt is set
Interrupt event is cleared by writing a 1 to this bit.
The interrupt bit will change regardless of condition of interrupt
enable (I0) status. An interrupt in the GPI in slot 12 in the ACLink
will follow this bit change when interrupt enable (I0) is unmasked.
14-13
0
Read Only
I3-I2
Interrupt Cause
00 = Reserved
01 = Sense Cycle Complete, sense info available.
10 = Change in GPIO input status
11 = Sense Cycle Complete and Change in GPIO input status.
These bits will reflect the general cause of the first interrupt event
generated. It should be read after interrupt status has been
confirmed as interrupting. The information should be used to scan
possible interrupting events in proper pages.
12
0
Read / Write
I1
Sense Cycle
0 = Sense Cycle not in Progress
1 = Sense Cycle Start.
Writing a 1 to this bit causes a sense cycle start if supported. If
sense cycle is not supported this bit is read only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com