Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STAC9752 Datasheet(PDF) 36 Page - Integrated Device Technology

Part # STAC9752
Description  TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9752 Datasheet(HTML) 36 Page - Integrated Device Technology

Back Button STAC9752 Datasheet HTML 32Page - Integrated Device Technology STAC9752 Datasheet HTML 33Page - Integrated Device Technology STAC9752 Datasheet HTML 34Page - Integrated Device Technology STAC9752 Datasheet HTML 35Page - Integrated Device Technology STAC9752 Datasheet HTML 36Page - Integrated Device Technology STAC9752 Datasheet HTML 37Page - Integrated Device Technology STAC9752 Datasheet HTML 38Page - Integrated Device Technology STAC9752 Datasheet HTML 39Page - Integrated Device Technology STAC9752 Datasheet HTML 40Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 95 page
background image
STAC9752/9753
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
IDT™
36
STAC9752/9753
REV 3.3 1206
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
5.3.8.
Slot 12: Audio GPIO Control Channel
AC-Link output frame slot 12 contains the audio GPIO control outputs.
5.4.
AC-Link Input Frame (SDATA_IN)
The AC-Link input frame data streams correspond to the multiplexed bundles of all digital input data
targeting the AC‘97 Controller. As is the case for audio output frame, each AC-Link input frame con-
sists of 12 20-bit time slots. Slot 0 is a special reserved time slot containing 16-bits which are used
for AC-Link protocol infrastructure.
The following diagram illustrates the time slot-based AC-Link protocol.
Figure 17. STAC9752/9753 Audio Input Frame
A new AC-Link input frame begins with a low to high transition of SYNC. SYNC is synchronous to
the rising edge of BIT_CLK. On the immediately following falling edge of BIT_CLK, the AC‘97
CODEC samples the assertion of SYNC. This falling edge marks the time when both sides of
AC-Link are aware of the start of a new audio frame. On the next rising of BIT_CLK, the AC‘97
CODEC transitions SDATA_IN into the first bit position of slot 0 (“CODEC Ready” bit). Each new bit
position is presented to AC-Link on a rising edge of BIT_CLK, and subsequently sampled by the
AC‘97 Controller on the falling edge of BIT_CLK. This sequence ensures that data transitions and
subsequent sample points for both incoming and outgoing data streams are time aligned.
Figure 18. Start of an Audio Input Frame
SDATA_IN’s composite stream is MSB first with all non-valid bit positions (for assigned and/or unas-
signed time slots) stuffed with 0 by the AC‘97 CODEC. SDATA_IN data is sampled on the falling
edges of BIT_CLK.
SYNC
BIT_CLK
SDATA_IN
slot1
slot2
End of previous audio frame
slot(12)
"0"
19
Data Phase
20.8 uS (48 kHZ)
Tag Phase
12.288 MHz
Time Slot "Valid" Bits
Slot 1
Slot 2
Slot 3
Slot 12
("1" = time slot contains valid PCM data)
valid
"0"
19
19
"0"
Frame
19
"0"
"0"
"0"
"0"
SYNC
BIT_CLK
SDATA_ IN
slot1
slot2
End of previous audio frame
Codec
Ready
SYNC
detected
first
SDATA_OUT
bit of frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com