Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STAC9752 Datasheet(PDF) 71 Page - Integrated Device Technology

Part # STAC9752
Description  TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9752 Datasheet(HTML) 71 Page - Integrated Device Technology

Back Button STAC9752 Datasheet HTML 67Page - Integrated Device Technology STAC9752 Datasheet HTML 68Page - Integrated Device Technology STAC9752 Datasheet HTML 69Page - Integrated Device Technology STAC9752 Datasheet HTML 70Page - Integrated Device Technology STAC9752 Datasheet HTML 71Page - Integrated Device Technology STAC9752 Datasheet HTML 72Page - Integrated Device Technology STAC9752 Datasheet HTML 73Page - Integrated Device Technology STAC9752 Datasheet HTML 74Page - Integrated Device Technology STAC9752 Datasheet HTML 75Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 95 page
background image
STAC9752/9753
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
IDT™
71
STAC9752/9753
REV 3.3 1206
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
8.4.4.
Function Select (66h Page 01h)
Register 24h must be set to Page 01h to access this register.
Default: 0000h
Note: This register does not reset on RESET#.
D15
D14
D13
D12
D11
D10
D9
D8
RESERVED
D7
D6
D5
D4
D3
D2
D1
D0
RESERVED
FC3
FC2
FC1
FC0
T/R
Bit(s) Reset Value
Name
Description
15-5
Reserved Reserved
4-1
00h
FC3:FC0
Function Code bits:
00h - Line Out (Master Out)
01h - Head Phone Out (AUX Out)
Setting the T/R bit to 0 = Left,1 = Right
02h - DAC 3 (C/LFE) - Not Supported
03h - SPDIF out
04h - Phone In
05h - Mic1 (Microphone select = 0)
06h - Mic2 (Microphone select = 1)
07h - Line In
08h - CD In
09h - Video In
0Ah - Aux In
0Bh - Mono Out
0C- 0Fh - Reserved
For supported Jack and Microphone Sense Functions, see Table21: page71.
The Function Code Bits are used to read Register 68h (Page 01h) and Register
6Ah (Page 01h).
Mono I/O should report relevant sense and function information on Tip, and report
Not-Supported on Ring.
Setting the function code to unsupported values will return a 0 when accessing the
Information Valid Bit in Page 01, Register 68h, bit 5.
0
0
T/R
Tip or Ring Selection Bit.This bit sets which jack conductor the sense value is
measured from. Software will program the corresponding the Ring/Tip selector bit
together with the I/O number in bits FC[3:0].
0 - Tip (Left)
1 - Ring (Right)
Table 21. Supported Jack and Microphone Sense Functions
Function Code
I/O
Sense Capability
00h
Line_Out
Jack Sense
01h
Headphone_Out
Jack Sense
05h
Mic1
Microphone Sense
06h
Mic2
Microphone Sense



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com