Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STAC9752 Datasheet(PDF) 46 Page - Integrated Device Technology

Part # STAC9752
Description  TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9752 Datasheet(HTML) 46 Page - Integrated Device Technology

Back Button STAC9752 Datasheet HTML 42Page - Integrated Device Technology STAC9752 Datasheet HTML 43Page - Integrated Device Technology STAC9752 Datasheet HTML 44Page - Integrated Device Technology STAC9752 Datasheet HTML 45Page - Integrated Device Technology STAC9752 Datasheet HTML 46Page - Integrated Device Technology STAC9752 Datasheet HTML 47Page - Integrated Device Technology STAC9752 Datasheet HTML 48Page - Integrated Device Technology STAC9752 Datasheet HTML 49Page - Integrated Device Technology STAC9752 Datasheet HTML 50Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 95 page
background image
STAC9752/9753
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
IDT™
46
STAC9752/9753
REV 3.3 1206
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
7.4.
PC Beep Implementation
The STAC9752/9753 offers 2 styles of PC BEEP, Analog and Digital. The digital PC Beep is a new
feature added to the AC’97 Specification Rev 2.3. This style of PC Beep will eventually replace the
analog style, thus eliminating the need for a PC Beep pin. Until this feature is widely accepted, IDT
will provide BOTH styles of PC Beep. Both PC Beep styles use Reg 0Ah. Additional information
about Reg 0Ah can be found in Section8.1.5: page51.
7.4.1.
Analog PC Beep
PC Beep is active on power up and defaults to an un-muted state. The PC_BEEP input is routed
directly to the MONO_OUT, LINE_OUT and HP_OUT pins of the CODEC. Because the PC_BEEP
input drive is often a full scale digital signal, some resistive attenuation of the PC_BEEP input is rec-
ommended to keep the beep tone within reasonable volume levels. The user should mute this input
before using any other mixer input because the PC Beep input can contribute noise to the lineout
during normal operation. This style of PC Beep is related to the AC’97 Specification Rev 2.2. To use
the analog PC Beep, a value of 00h written to bits F[7:0] (D[12:5]) disables the Digital PC Beep gen-
eration. PV[3:0] (D[4:1]) controls the volume level from 0 to 45dB of attenuation in 3dB steps.
7.4.2.
Digital PC Beep
The Digital PC Beep uses the identical register as the analog style, Reg 0Ah. This register controls
the level and frequency for the PC Beep. The beep frequency is the result of dividing the 48 KHz
clock by 4 times the number specified in F[7:0], allowing tones from 47 Hz to 12 KHz. A value of 00h
written to bits F[7:0] disables the digital PC Beep generation and enables the analog PC Beep. The
volume control bits, PV[3:0] operate identically to the analog PC Beep mode. Applying a signal to the
PC Beep pin, pin 12, may cause the digital PC Beep signal to become distorted or inaudible. When
using the digital PC Beep feature, we recommend leaving the PC Beep input pin unconnected or
connected to analog ground through a capacitor. Connecting a capacitor from the PC Beep input pin
to ground will create a more pleasing sound by changing the digital output to a more sinusoidal like
output.
This will be programmed directly by the BIOS.
Table 16. Digital PC Beep Examples
Value
Reg 0Ah, bits[7:0]
Frequency
1
0x01
12,000 Hz
10
0x0A
1200 Hz
25
0x19
480 Hz
50
0x32
240 Hz
100
0x64
120 Hz
127
0x7F
94.48 Hz
255
0xFF
47.05 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com