Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STAC9752 Datasheet(PDF) 75 Page - Integrated Device Technology

Part # STAC9752
Description  TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9752 Datasheet(HTML) 75 Page - Integrated Device Technology

Back Button STAC9752 Datasheet HTML 71Page - Integrated Device Technology STAC9752 Datasheet HTML 72Page - Integrated Device Technology STAC9752 Datasheet HTML 73Page - Integrated Device Technology STAC9752 Datasheet HTML 74Page - Integrated Device Technology STAC9752 Datasheet HTML 75Page - Integrated Device Technology STAC9752 Datasheet HTML 76Page - Integrated Device Technology STAC9752 Datasheet HTML 77Page - Integrated Device Technology STAC9752 Datasheet HTML 78Page - Integrated Device Technology STAC9752 Datasheet HTML 79Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 95 page
background image
STAC9752/9753
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
IDT™
75
STAC9752/9753
REV 3.3 1206
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
7-6
OR1:0
Order Bits. These bits indicate the order the sense result bits SR[5:0] are using.
00 - 10
0
(i.e., Ohms)
01 - 10
1
(i.e., 10 Ohms)
10 - 102 (i.e., 100 Ohms)
11 - 10
3
(i.e., 1K Ohms)
5-0
SR5:SR0
Sense Result bits
These bits are used to report a vendor specific fingerprint or value. (Resistance,
impedance, reactance, etc.). This field is Read Only.
Table 25. Sensed Bits (Outputs)
Reported Value
Output Peripheral/Device
0h
Data not valid. Indicates that the reported value(s) is (are) invalid.
1h
No connection. Indicates that there are no connected devices.
2h
Fingerprint. Indicates a specific fingerprint value for devices that are not specified or unknown.
3h
Speakers (8 ohms)
4h
Speakers (4 ohms)
5h
Powered Speakers
6h
Stereo Headphone
7h
Reserved
8h
Reserved
9h
Headset (mono speaker left channel and microphone.)
Ah
Other. Allows a vendor to report sensing other type of devices/peripherals. SR[5:0] together with
OR[1:0] provide information regarding the type of device sensed.
Bh-Eh
Reserved
Fh
Unknown (use fingerprint)
Table 26. Sensed Bits (Inputs)
Reported Value
Input Peripheral/Device
0h
Data not valid. Indicates that the reported value(s) is (are) invalid.
1h
No connection. Indicates that there are no connected devices.
2h
Fingerprint. Indicates a specific fingerprint value for devices that are not specified.
3h
Microphone (mono)
4h
Reserved
5h
Stereo Line In (CE device attached)
6h
Reserved
7h
Reserved
8h
Reserved
9h
Headset (mono speaker left channel and microphone.)
Ah
Other. Allows a vendor to report sensing other type of devices/peripherals. SR[5:0] together with
OR[1:0] provide information regarding the type of device sensed.
Bh-Eh
Reserved
Fh
Unknown (use fingerprint)
Bit(s) Reset Value
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com