Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STAC9752 Datasheet(PDF) 67 Page - Integrated Device Technology

Part # STAC9752
Description  TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9752 Datasheet(HTML) 67 Page - Integrated Device Technology

Back Button STAC9752 Datasheet HTML 63Page - Integrated Device Technology STAC9752 Datasheet HTML 64Page - Integrated Device Technology STAC9752 Datasheet HTML 65Page - Integrated Device Technology STAC9752 Datasheet HTML 66Page - Integrated Device Technology STAC9752 Datasheet HTML 67Page - Integrated Device Technology STAC9752 Datasheet HTML 68Page - Integrated Device Technology STAC9752 Datasheet HTML 69Page - Integrated Device Technology STAC9752 Datasheet HTML 70Page - Integrated Device Technology STAC9752 Datasheet HTML 71Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 95 page
background image
STAC9752/9753
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
IDT™
67
STAC9752/9753
REV 3.3 1206
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
8.2.8.
GPIO Pin Mask Register (52h)
Default: 0000h
8.2.9.
GPIO Pin Status Register (54h)
Default: 0000h
D15
D14
D13
D12
D11
D10
D9
D8
RESERVED
D7
D6
D5
D4
D3
D2
D1
D0
RESERVED
GW1
(GPIO1)
GW0
(GPIO0)
Bit(s)
Access
Reset Value
Name
Description
15:2
Read Only
0
RESERVED
Bit not used, should read back 0
1
Read / Write
0
GW1
0 = GPIO1 interrupt not passed to GPIO_INT slot 12.
1 = GPIO1 interrupt is passed to GPIO_INT slot 12.
0
Read / Write
0
GW0
0 = GPIO0 interrupt not passed to GPIO_INT slot 12.
1 = GPIO0 interrupt is passed to GPIO_INT slot 12.
D15
D14
D13
D12
D11
D10
D9
D8
RESERVED
D7
D6
D5
D4
D3
D2
D1
D0
RESERVED
GI1 (GPIO1)
GI0 (GPIO0)
Bit(s)
Access
Reset Value
Name
Description
15:2
Read Only
0
RESERVED Bits not used, should read back 0
1
Read / Write
x
GI1
When GPIO1 is configured as output and Register h74 bit[0] = 0
(default), the value of this register will be placed on the GPIO1
pad.
When GPIO1 is configured as output and Register h74 bit[0] =1,
the GPIO1 pad will get its value from slot12.
When GPIO1 is configured as input and configured as a sticky bit,
writing a 1 does nothing, writing a 0 clears this bit.
When GPIO1 is configured as input, this register reflects the value
on the GPIO1 pad after interpretation of the polarity and sticky
configurations.
0
Read / Write
x
GI0
When GPIO0 is configured as output and Register h74 bit[0] = 0
(default), the value of this register will be placed on the GPIO0
pad.
When GPIO0 is configured as output and Register h74 bit[0] =1,
the GPIO0 pad will get its value from slot12.
When GPIO0 is configured as input and configured as a sticky bit,
writing a 1 does nothing, writing a 0 clears this bit.
When GPIO0 is configured as input, this register reflects the value
on the GPIO0 pad after interpretation of the polarity and sticky
configurations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com