Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM7347 Datasheet(PDF) 22 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 22 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 18Page - PMC-Sierra, Inc PM7347 Datasheet HTML 19Page - PMC-Sierra, Inc PM7347 Datasheet HTML 20Page - PMC-Sierra, Inc PM7347 Datasheet HTML 21Page - PMC-Sierra, Inc PM7347 Datasheet HTML 22Page - PMC-Sierra, Inc PM7347 Datasheet HTML 23Page - PMC-Sierra, Inc PM7347 Datasheet HTML 24Page - PMC-Sierra, Inc PM7347 Datasheet HTML 25Page - PMC-Sierra, Inc PM7347 Datasheet HTML 26Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
22
Document ID: PMC-1990267, Issue 3
3
References
• ANSI T1.627 - 1993, "Broadband ISDN - ATM Layer Functionality and Specification".
• ANSI T1.107a - 1990, "Digital Hierarchy - Supplement to Formats Specifications (DS3
Format Applications)".
• ANSI T1.107 - 1995, "Digital Hierarchy - Formats Specifications".
• ANSI T1.646 - 1995, "Broadband ISDN - Physical Layer Specification for User-Network
Interfaces Including DS1/ATM".
• ATM Forum - ATM User-Network Interface Specification, V3.1, October, 1995.
• ATM Forum - “UTOPIA, An ATM PHY Interface Specification, Level 2, Version 1”, June,
1995.
• ATM Forum, af-PHY-0034.000, "E3 (34,368 kbps) Physical Layer Interface", August, 1995.
• ATM Forum, af-PHY-0054.000, "DS3 Physical Layer Interface Specification", January, 1996.
• ATM Forum, af-PHY-0029.000, "6,312 Kbps UNI Specification, Version 1.0", June 1995.
• Bell Communications Research, TA-TSY-000773 - “Local Access System Generic
Requirements, Objectives, and Interface in Support of Switched Multi-megabit Data Service”
Issue 2, March 1990 and Supplement 1, December 1990.
• ETS 300 269 Draft Standard T/NA(91)17 - “Metropolitan Area Network Physical Layer
Convergence Procedure for 2.048 Mbit/s”, April 1994.
• ETS 300 270 Draft Standard T/NA(91)18 - “Metropolitan Area Network Physical Layer
Convergence Procedure for 34.368 Mbit/s”, April 1994.
• ITU-T Recommendation O.151 - "Error Performance Measuring Equipment Operating at the
Primary Rate and Above", October, 1992.
• ITU-T Recommendation I.432 - "B-ISDN User-Network Interface - Physical Layer
Specification", 1993
• ITU-T Recommendation G.703 - "Physical/Electrical Characteristics of Hierarchical Digital
Interfaces", 1991.
• ITU-T Recommendation G.704 - "General Aspects of Digital Transmission Systems;
Terminal Equipment - Synchronous Frame Structures Used At 1544, 6312, 2048, 8488 and 44
736 kbit/s Hierarchical Levels", July, 1995.
• ITU-T Recommendation G.751 - CCITT Blue Book Fasc. III.4, "Digital Multiplex Equipment
Operating at the Third Order Bit Rate of 34,368 kbit/s and the Fourth Order Bit Rate of
139,264 kbit/s and Using Positive Justification", 1988.
• ITU-T Draft Recommendation G.775 - "Loss of Signal (LOS) and Alarm Indication Signal
(AIS) Defect Detection and Clearance Criteria", October 1993.
• ITU-T Recommendation G.804 - "ATM Cell Mapping into Plesiochronous Digital Hierarchy
(PDH)", 1993.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com