Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM7347 Datasheet(PDF) 69 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 69 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 65Page - PMC-Sierra, Inc PM7347 Datasheet HTML 66Page - PMC-Sierra, Inc PM7347 Datasheet HTML 67Page - PMC-Sierra, Inc PM7347 Datasheet HTML 68Page - PMC-Sierra, Inc PM7347 Datasheet HTML 69Page - PMC-Sierra, Inc PM7347 Datasheet HTML 70Page - PMC-Sierra, Inc PM7347 Datasheet HTML 71Page - PMC-Sierra, Inc PM7347 Datasheet HTML 72Page - PMC-Sierra, Inc PM7347 Datasheet HTML 73Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
69
Document ID: PMC-1990267, Issue 3
• Filling the receive FIFO.
• Indicating when the receive FIFO contains cells.
• Maintaining the receive FIFO read and write pointers.
• Detecting FIFO overrun and underrun conditions.
The FIFO interface is “UTOPIA Level 2"-compliant. It accepts a read clock (RFCLK) and read
enable signal (RENB). The receive FIFO output bus (RDAT[15:0]) is tri-stated when RENB is
logic one or if the PHY device address (RADR[4:0]) selected does not match this device's
address. The interface indicates the start of a cell (RSOC) and the receive cell available status
(RCA and DRCA[4:1]) when data is read from the receive FIFO (using the rising edges of
RFCLK). The RCA (and DRCA[x]) status changes from available to unavailable when the FIFO
is either empty (RCALEVEL0=1) or near empty (RCALEVEL0 is logic zero).
The interface also indicates FIFO overruns via a maskable interrupt and register bits. Read
accesses while RCA (or DRCA[x]) is a logic zero will output invalid data.
10.12 CPPM Cell and PLCP Performance Monitor
The Cell and PLCP Performance Monitor (CPPM) Block interfaces directly to the SPLR to
accumulate bit interleaved parity error events, framing octet error events, and FEBE events in
saturating counters. When the PLCP framer (SPLR) declares LOF, the following are not counted:
bit interleaved parity error events, framing octet error events, FEBE events, HCS error events.
When an accumulation interval is signaled by a write to the CPPM register address space or to the
S/UNI-JET Identification, Master Reset, and Global Monitor Update Register, the CPPM
transfers the current counter values into holding registers and resets the counters to begin
accumulating error events for the next interval. The counters are reset in such a manner that error
events occurring during the reset period are not missed.
10.13 DS3 Transmitter
The DS3 Transmitter (T3-TRAN) Block integrates circuitry required to insert the overhead bits
into a DS3 bit stream and produce a B3ZS-encoded signal. The T3-TRAN is directly compatible
with the M23 and C-bit parity DS3 formats.
Status signals such as far end receive failure (FERF), the AIS, and the idle signal can be inserted
when their transmission is enabled by internal register bits. FERF can also be automatically
inserted on detection of any combination of LOS, OOF or RED, or AIS by the T3-FRMR.
A valid pair of P-bits is automatically calculated and inserted by the T3-TRAN. When C-bit
parity mode is selected, the path parity bits, and FEBE indications are automatically inserted.
When enabled for C-bit parity operation, the FEAC channel is sourced by the XBOC bit-oriented
code transmitter. The PMDLmessages are sourced by the TDPR data link transmitter. These
overhead signals can also be overwritten by using the TOH[x] and TOHINS[x] inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com