Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM7347 Datasheet(PDF) 77 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 77 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 73Page - PMC-Sierra, Inc PM7347 Datasheet HTML 74Page - PMC-Sierra, Inc PM7347 Datasheet HTML 75Page - PMC-Sierra, Inc PM7347 Datasheet HTML 76Page - PMC-Sierra, Inc PM7347 Datasheet HTML 77Page - PMC-Sierra, Inc PM7347 Datasheet HTML 78Page - PMC-Sierra, Inc PM7347 Datasheet HTML 79Page - PMC-Sierra, Inc PM7347 Datasheet HTML 80Page - PMC-Sierra, Inc PM7347 Datasheet HTML 81Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
77
Document ID: PMC-1990267, Issue 3
Address
Register
31AH
PMON Parity Error Event Count LSB
31BH
PMON Parity Error Event Count MSB
31CH
PMON Path Parity Error Event Count LSB
31DH
PMON Path Parity Error Event Count MSB
31EH
PMON FEBE/J2-EXZS Event Count LSB
31FH
PMON FEBE/J2-EXZS Event Count MSB
320H
CPPM Reserved
321H
CPPM Change of CPPM Performance Meter
322H
CPPM BIP Error Count LSB
323H
CPPM BIP Error Count MSB
324H
CPPM PLCP Framing Error Event Count LSB
325H
CPPM PLCP Framing Error Event Count MSB
326H
CPPM PLCP FEBE Count LSB
327H
CPPM PLCP FEBE Count MSB
328H-32FH
CPPM Reserved
330H
DS3 FRMR Configuration
331H
DS3 FRMR Interrupt Enable
332H
DS3 FRMR Interrupt Status
333H
DS3 FRMR Status
334H
DS3 TRAN Configuration
335H
DS3 TRAN Diagnostics
336H-337H
DS3 TRAN Reserved
338H
E3 FRMR Framing Options
339H
E3 FRMR Maintenance Options
33AH
E3 FRMR Framing Interrupt Enable
33BH
E3 FRMR Framing Interrupt Indication and Status
33CH
E3 FRMR Maintenance Event Interrupt Enable
33DH
E3 FRMR Maintenance Event Interrupt Indication
33EH
E3 FRMR Maintenance Event Status
33FH
E3 FRMR Reserved
340H
E3 TRAN Framing Options
341H
E3 TRAN Status and Diagnostic Options
342H
E3 TRAN BIP-8 Error Mask
343H
E3 TRAN Maintenance and Adaptation Options
344H
J2 FRMR Configuration
345H
J2 FRMR Status
346H
J2 FRMR Alarm Interrupt Enable
347H
J2 FRMR Alarm Interrupt Status
348H
J2 FRMR Error/X-bit Interrupt Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com