Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM7347 Datasheet(PDF) 86 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 86 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 82Page - PMC-Sierra, Inc PM7347 Datasheet HTML 83Page - PMC-Sierra, Inc PM7347 Datasheet HTML 84Page - PMC-Sierra, Inc PM7347 Datasheet HTML 85Page - PMC-Sierra, Inc PM7347 Datasheet HTML 86Page - PMC-Sierra, Inc PM7347 Datasheet HTML 87Page - PMC-Sierra, Inc PM7347 Datasheet HTML 88Page - PMC-Sierra, Inc PM7347 Datasheet HTML 89Page - PMC-Sierra, Inc PM7347 Datasheet HTML 90Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
86
Document ID: PMC-1990267, Issue 3
TXMFPI
The TXMFPI bit controls which of the inputs TMFPI or TFPI is valid. If TXMFPI is a logic
one, then TMFPI will be expected. If TXMFPI is a logic zero, then TFPI will be expected.
This bit is effective only if the FRMRONLY bit in the S/UNI-JET Configuration 1 Register
is a logic one.
STATSEL[2:0]
The STATSEL[2:0] bits are used to select the function of the FRMSTAT output. The selection
is shown in Table 7:
Table 7 STATSEL[2:0] Options
STATSEL[2:0]
FRMSTAT output pin indication function
000
E3/DS3 LOF or J2 extended LOF (integration periods are selected by the
LOFINT[1:0] register bits in the S/UNI-JET Receive Configuration Register)
001
PLCP LOF
010
E3/DS3 OOF or J2 LOF
011
PLCP OOF
100
AIS
101
LOS
110
DS3 Idle
111
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com