Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM7347 Datasheet(PDF) 98 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 98 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 94Page - PMC-Sierra, Inc PM7347 Datasheet HTML 95Page - PMC-Sierra, Inc PM7347 Datasheet HTML 96Page - PMC-Sierra, Inc PM7347 Datasheet HTML 97Page - PMC-Sierra, Inc PM7347 Datasheet HTML 98Page - PMC-Sierra, Inc PM7347 Datasheet HTML 99Page - PMC-Sierra, Inc PM7347 Datasheet HTML 100Page - PMC-Sierra, Inc PM7347 Datasheet HTML 101Page - PMC-Sierra, Inc PM7347 Datasheet HTML 102Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
98
Document ID: PMC-1990267, Issue 3
Register 308H: SPLR Configuration
Bit
Type
Function
Default
Bit 7
R/W
FORM[1]
0
Bit 6
R/W
FORM[0]
0
Bit 5
R/W
Reserved
0
Bit 4
R/W
Reserved
0
Bit 3
R/W
REFRAME
0
Bit 2
R/W
PLCPEN
0
Bit 1
Unused
X
Bit 0
R/W
EXT
0
EXT
The EXT bit disables the internal transmission system sublayer timeslot counter from
identifying DS1, DS3, E1, J2, E3 G.751, or E3 G.832 overhead bits. The EXT bit allows
transmission formats that are unsupported by the internal timeslot counter to be supported
using the ROHM[x] input. When a logic zero is written to EXT, input transmission system
overhead (for DS1, DS3, E1, J2, E3 G.751, and E3 G.832 formats) is indicated using the
internal timeslot counter. This counter is synchronized to the transmission system frame
alignment using the ROHM[x] (for DS1 or E1 ATM direct-mapped formats), or by the
integral framer block (for the DS3, J2, E3 G.751, or E3 G.832 formats).
When a logic one is written to EXT, indications on ROHM identify each transmission system
overhead bit.
PLCPEN
The PLCPEN bit enables PLCP framing. When a logic one is written to PLCPEN, PLCP
framing is enabled. The PLCP format is specified by the FORM[1:0] bits in this register.
When a logic zero is written to PLCPEN, PLCP related functions in the SPLR block are
disabled. PLCPEN must be programmed to logic zero for E3 G.832, J2, and arbitrary framing
formats.
REFRAME
The REFRAME bit is used to trigger reframing. When a logic one is written to REFRAME,
the S/UNI-JET is forced out of PLCP frame and a new search for frame alignment is initiated.
Note: Only a logic zero to logic one transition of the REFRAME bit triggers reframing;
multiple write operations are required to ensure such a transition.
Reserved
All Reserved bits must be set to logic zero for proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com