Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM7347 Datasheet(PDF) 17 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 17 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 13Page - PMC-Sierra, Inc PM7347 Datasheet HTML 14Page - PMC-Sierra, Inc PM7347 Datasheet HTML 15Page - PMC-Sierra, Inc PM7347 Datasheet HTML 16Page - PMC-Sierra, Inc PM7347 Datasheet HTML 17Page - PMC-Sierra, Inc PM7347 Datasheet HTML 18Page - PMC-Sierra, Inc PM7347 Datasheet HTML 19Page - PMC-Sierra, Inc PM7347 Datasheet HTML 20Page - PMC-Sierra, Inc PM7347 Datasheet HTML 21Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
17
Document ID: PMC-1990267, Issue 3
1
Features
The S/UNI®-JET is a single chip Asynchronous Transfer Mode (ATM) User Network Interface
(UNI) operating at 44.736 Mbit/s, 34.368 Mbit/s, and 6.312 Mbit/s that:
• Conforms to AF-Physical (PHY)-0054.000, AF-PHY-0034.000 and AF-PHY-0029.000.
• Implements ATM Direct Cell Mapping into DS1, DS3, E1, E3, and J2 transmission systems
according to ITU-T Recommendation G.804.
• Provides a UTOPIA Level 2 compatible ATM-PHY Interface.
• Implements the Physical Layer Convergence Protocol (PLCP) for DS1 and DS3 transmission
systems according to the ATM Forum User Network Interface Specification and ANSI TA-
TSY-000773, TA-TSY-000772, and E1 and E3 transmission systems according to the ETSI
300-269 and ETSI 300-270.
• Supports Switched Multi-megabit Data Service (SMDS) and ATM mappings into various rate
transmission systems as shown in Table 1:
Table 1 Supported Operating Formats
Rate
Format
Framer Only
SMDS PLCP
Mapping
ATM Direct
Mapping
C-bit Parity
YES
YES
YES
T3
(44.736 Mbit/s)
M23
YES
YES
YES
G.751
YES
YES
YES
E3
(34.368 Mbit/s)
G.832
YES
n/a
YES
J2
(6.312 Mbit/s)
G.704 & NTT
YES
n/a
YES
CRC-4
external
YES
YES
E1
(2.048 Mbit/s)
PCM30
external
YES
YES
ESF
external
YES
YES
T1
(1.544 Mbit/s)
SF
external
YES
YES
Arbitrary Cell Rate
(up to 52 Mbit/s)
bypass
n/a
YES
• Implements the ATM physical layer for Broadband ISDN according to ITU-T
Recommendation I.432.
• Provides on-chip DS3, E3 (G.751 and G.832), and J2 framers.
• Is configurable for sole DS3, E3, or J2 Framer use.
Note: When configured to operate as a DS3, E3, or J2 Framer, gapped transmit and receive clocks
can be optionally generated for interface to devices which only need access to payload data bits.
• Provides support for an arbitrary rate external transmission system interface up to a maximum
rate of 52 Mbit/s, which enables the S/UNI-JET to be used as an ATM cell delineator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com