Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM7347 Datasheet(PDF) 35 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 35 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 31Page - PMC-Sierra, Inc PM7347 Datasheet HTML 32Page - PMC-Sierra, Inc PM7347 Datasheet HTML 33Page - PMC-Sierra, Inc PM7347 Datasheet HTML 34Page - PMC-Sierra, Inc PM7347 Datasheet HTML 35Page - PMC-Sierra, Inc PM7347 Datasheet HTML 36Page - PMC-Sierra, Inc PM7347 Datasheet HTML 37Page - PMC-Sierra, Inc PM7347 Datasheet HTML 38Page - PMC-Sierra, Inc PM7347 Datasheet HTML 39Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
35
Document ID: PMC-1990267, Issue 3
Pin Name
Type
Pin
No.
Function
By default, both TNEG and TOHM are updated on the
falling edge of TCLK and can be enabled for update on
the rising edge of TCLK. This sampling is controlled by
the TCLKINV bit in the S/UNI-JET Transmit
Configuration Register. Also, both TNEG and TOHM can
be updated on the rising edge of TICLK, enabled by the
TICLK bit in the S/UNI-JET Transmit Configuration
Register.
TCLK
Output
B5
The Transmit Output Clock (TCLK) provides the transmit
direction timing. TCLK is a buffered version of TICLK and
can be enabled to update the TPOS/TDATO and
TNEG/TOHM outputs on its rising or falling edge.
RPOS
RDATI
Input
D6
The Receive Digital Positive Pulse (RPOS) contains the
positive pulses received on the B3ZS-encoded DS3, the
HDB3-encoded E3, or the B8ZS-encoded J2
transmission system when the dual-rail NRZ input format
is selected.
The Receive Data (RDATI) contains the data stream
when the single-rail (unipolar) NRZ input format is
enabled or when a non-DS3/E3/J2 based transmission
system is being processed (for example, RDATI may
contain a DS1 or E1 stream).
The RPOS/RDATI pin function selection is controlled by
the RFRM[1:0] bits in the S/UNI-JET Configuration
Register and by the UNI bits in the DS3 FRMR, the E3
FRMR, or the J2 FRMR Configuration Register.
Both RPOS and RDATI are sampled on the rising edge
of RCLK by default, and may be enabled to be sampled
on the falling edge of RCLK. This sampling is controlled
by the RCLKINV bit in the S/UNI-JET Receive
Configuration Register.
Note: Signal polarity control is provided by the RPOSINV
bit in the S/UNI-JET Receive Configuration Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com