Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM7347 Datasheet(PDF) 74 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 74 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 70Page - PMC-Sierra, Inc PM7347 Datasheet HTML 71Page - PMC-Sierra, Inc PM7347 Datasheet HTML 72Page - PMC-Sierra, Inc PM7347 Datasheet HTML 73Page - PMC-Sierra, Inc PM7347 Datasheet HTML 74Page - PMC-Sierra, Inc PM7347 Datasheet HTML 75Page - PMC-Sierra, Inc PM7347 Datasheet HTML 76Page - PMC-Sierra, Inc PM7347 Datasheet HTML 77Page - PMC-Sierra, Inc PM7347 Datasheet HTML 78Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
74
Document ID: PMC-1990267, Issue 3
Table 5 C1 Octet Pattern
Stuff Length
C1(Hex)
17
3B
18
4F
19
75
20
9D
21
A7
The SPLT block generates a stuff length pattern of 18, 19, or 20 octets determined by the phase
alignment of the start of the G.751 E3 frame and the start of the E3 PLCP frame. The REF8KI
input is provisioned to loop time the PLCP transmit frame to an externally applied 8 kHz
reference.
The Zn, growth octets are set to 00H. The Zn octets may be inserted from an external device via
the path overhead stream input, TPOH.
10.19 TXCP-50 Transmit Cell Processor
The Transmit Cell Processor (TXCP-50) Block integrates circuitry to support ATM cell payload
scrambling, header check sequence (HCS) generation, and idle/unassigned cell generation.
The TXCP-50 scrambles the cell payload field using the self synchronizing scrambler with
polynomial x43 + 1. The header portion of the cells may also be scrambled. Note: Cell payload
scrambling may be disabled in the S/UNI-JET, although it is required by ITU-T Recommendation
I.432. The ATM Forum DS3 UNI specification requires that cell payloads are scrambled for the
DS3 physical layer interface. However, to ensure backwards compatibility with older equipment,
the payload scrambling may be disabled.
The HCS is generated using the polynomial, x8 + x2 + x + 1. The coset polynomial x6 + x4 + x2 +
1 is added (modulo 2) to the calculated HCS octet as required by the ATM Forum UNI
specification, and ITU-T Recommendation I.432. The resultant octet optionally overwrites the
HCS octet in the transmit cell. When the transmit FIFO is empty, the TXCP-50 inserts
idle/unassigned cells. The idle/unassigned cell header is fully programmable using five internal
registers. Similarly, the 48-octet information field is programmed with an 8-bit repeating pattern
using an internal register.
10.20 TXFF Transmit FIFO
The Transmit FIFO (TXFF) provides FIFO management and the S/UNI-JET transmit cell
interface. The transmit FIFO contains four cells. The FIFO depth may be programmed to four,
three, two, or one cells. The FIFO provides the cell rate decoupling function between the
transmission system physical layer and the ATM layer.
The general management functions of the TXFF include:
• Emptying cells from the transmit FIFO.
• Indicating when the transmit FIFO is full.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com