Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM7347 Datasheet(PDF) 18 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 18 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 14Page - PMC-Sierra, Inc PM7347 Datasheet HTML 15Page - PMC-Sierra, Inc PM7347 Datasheet HTML 16Page - PMC-Sierra, Inc PM7347 Datasheet HTML 17Page - PMC-Sierra, Inc PM7347 Datasheet HTML 18Page - PMC-Sierra, Inc PM7347 Datasheet HTML 19Page - PMC-Sierra, Inc PM7347 Datasheet HTML 20Page - PMC-Sierra, Inc PM7347 Datasheet HTML 21Page - PMC-Sierra, Inc PM7347 Datasheet HTML 22Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
18
Document ID: PMC-1990267, Issue 3
• Uses the PMC-Sierra™ PM4351 COMET, PM4341 T1XC and PM6341 E1XC T1 and E1
framer/line interface chips for DS1 and E1 applications.
• Provides programmable pseudo-random test pattern generation, detection, and analysis
features.
• Provides integral transmit and receive HDLC controller with 128-byte FIFO depth.
• Provides performance monitoring counters suitable for accumulation periods of up to 1
second.
• Provides an 8-bit microprocessor interface for configuration, control and status monitoring.
• Provides a standard 5 signal P1149.1 JTAG test port for boundary scan board test purposes.
• Uses low power 3.3V CMOS technology with 5V tolerant inputs.
• Is available in a 256-pin SBGA package (27mm x 27mm).
The receiver section of the S/UNI-JET:
• Provides frame synchronization for the M23 or C-bit parity DS3 applications and alarm
detection. Also:
° Accumulates line code violations, framing errors, parity errors, path parity errors and
FEBE events.
° Detects far end alarm channel codes.
° Provides an integral HDLC receiver to terminate the path maintenance data link.
• Provides frame synchronization for the G.751 or G.832 E3 applications and alarm detection.
Also:
° Accumulates line code violations, framing errors, parity errors, and FEBE events.
° Detects the Trail Trace in G.832, the Trail Trace is detected.
° Provides an integral HDLC receiver is provided to terminate either the Network
Requirement or the General Purpose data link.
• Provides frame synchronization for G.704 and NTT 6.312 Mbit/s J2 applications and alarm
detection. Also:
° Accumulates line code violations, framing errors, and CRC parity errors.
° Provides an integral HDLC receiver to terminate the data link.
• Provides frame synchronization, cell delineation and extraction for DS3, G.751 E3, G.832 E3,
and G.704 and NTT J2 ATM direct-mapped formats.
• Provides PLCP frame synchronization, path overhead extraction, and cell extraction for DS1
PLCP, DS3 PLCP, E1 PLCP, and G.751 E3 PLCP formatted streams.
• Provides a 50 MHz 8-bit wide or 16-bit wide Utopia FIFO buffer in the receive path with
parity support, and multi-PHY (Level 2) control signals.
• Provides ATM framing using cell delineation. Note: ATM cell delineation may optionally be
disabled to allow passing of all cell bytes regardless of cell delineation status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com