Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM7347 Datasheet(PDF) 76 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 76 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 72Page - PMC-Sierra, Inc PM7347 Datasheet HTML 73Page - PMC-Sierra, Inc PM7347 Datasheet HTML 74Page - PMC-Sierra, Inc PM7347 Datasheet HTML 75Page - PMC-Sierra, Inc PM7347 Datasheet HTML 76Page - PMC-Sierra, Inc PM7347 Datasheet HTML 77Page - PMC-Sierra, Inc PM7347 Datasheet HTML 78Page - PMC-Sierra, Inc PM7347 Datasheet HTML 79Page - PMC-Sierra, Inc PM7347 Datasheet HTML 80Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
76
Document ID: PMC-1990267, Issue 3
The S/UNI-JET identification code is 073460CD hexadecimal.
10.23 Microprocessor Interface
The microprocessor interface block provides normal and test mode registers, and the logic
required to connect to the microprocessor interface. Normal mode registers are required for
normal operation. Test mode registers are used to enhance the testability of the S/UNI-JET.
With the exception of the S/UNI-JET Identification Register, all register descriptions can be
found in the S/UNI-JET datasheet (PMC-1990267).
The register set is accessed as described in Table 6.
Table 6 Register Memory Map
Address
Register
000H-2FFH
Reserved
300H
S/UNI-JET Configuration 1
301H
S/UNI-JET Configuration 2
302H
S/UNI-JET Transmit Configuration
303H
S/UNI-JET Receive Configuration
304H
S/UNI-JET Data Link and FERF/RAI Control
305H
S/UNI-JET Interrupt Status
006H
S/UNI-JET Identification, Master Reset, and Global Monitor Update
306H
S/UNI-JET Reserved
307H
S/UNI-JET Clock Activity Monitor and Interrupt Identification
308H
SPLR Configuration
309H
SPLR Interrupt Enable
30AH
SPLR Interrupt Status
30BH
SPLR Status
30CH
SPLT Configuration
30DH
SPLT Control
30EH
SPLT Diagnostics and G1 Octet
30FH
SPLT F1 Octet
310H
PMON Change of PMON Performance Meters
311H
PMON Interrupt Enable/Status
312H-313H
PMON Reserved
314H
PMON LCV Event Count LSB
315H
PMON LCV Event Count MSB
316H
PMON Framing Bit Error Event Count LSB
317H
PMON Framing Bit Error Event Count MSB
318H
PMON Excessive Zeros Count LSB
319H
PMON Excessive Zeros Count MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com