Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM7347 Datasheet(PDF) 65 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 65 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 61Page - PMC-Sierra, Inc PM7347 Datasheet HTML 62Page - PMC-Sierra, Inc PM7347 Datasheet HTML 63Page - PMC-Sierra, Inc PM7347 Datasheet HTML 64Page - PMC-Sierra, Inc PM7347 Datasheet HTML 65Page - PMC-Sierra, Inc PM7347 Datasheet HTML 66Page - PMC-Sierra, Inc PM7347 Datasheet HTML 67Page - PMC-Sierra, Inc PM7347 Datasheet HTML 68Page - PMC-Sierra, Inc PM7347 Datasheet HTML 69Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
65
Document ID: PMC-1990267, Issue 3
Figure 6 Cell delineation State Diagram
HUNT
PRESYNC
SYNC
Correct HCS
(bit by bit)
Incorrect HCS
(cell by cell)
DELTA consecutive
correct HCS's
(cell by cell)
ALPHA consecutive
incorrect HCS's
(cell by cell)
The values of ALPHA and DELTA determine the robustness of the delineation method. ALPHA
determines the robustness against false misalignments due to bit errors. DELTA determines the
robustness against false delineation in the synchronization process. ALPHA is chosen to be 7 and
DELTA is chosen to be 6 as recommended in ITU-T Recommendation I.432. These values result
in a maximum average time to frame of 127 µs for a DS3 stream carrying ATM cells directly
mapped into the DS3 information payload.
LCD is detected by counting the number of incorrect cells while in the HUNT state. The counter
value is stored in the RXCP-50 LCD Count Threshold Register. The threshold has a default value
of 360 which results in:
• A DS3 application detection time of 3.5 ms.
• An E3 G.832 application detection time of 4.5 ms.
• An E3 G.751 application detection time of 5.0 ms.
• A J2 application time of 24.8ms, an E1 application detection time of 77 ms.
• A DS1 application detection time of 100 ms.
If the counter value is set to zero, the LCD output signal is asserted for every incorrect cell.
10.9
PRGD Pseudo-Random Sequence Generator/Detector
The Pseudo-Random Sequence Generator/Detector (PRGD) block is a software programmable
test pattern generator, receiver, and analyzer. Two types of test patterns (pseudo-random and
repetitive) conform to ITU-T O.151.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com