Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM7347 Datasheet(PDF) 87 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 87 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 83Page - PMC-Sierra, Inc PM7347 Datasheet HTML 84Page - PMC-Sierra, Inc PM7347 Datasheet HTML 85Page - PMC-Sierra, Inc PM7347 Datasheet HTML 86Page - PMC-Sierra, Inc PM7347 Datasheet HTML 87Page - PMC-Sierra, Inc PM7347 Datasheet HTML 88Page - PMC-Sierra, Inc PM7347 Datasheet HTML 89Page - PMC-Sierra, Inc PM7347 Datasheet HTML 90Page - PMC-Sierra, Inc PM7347 Datasheet HTML 91Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
87
Document ID: PMC-1990267, Issue 3
Register 302H: S/UNI-JET Transmit Configuration
Bit
Type
Function
Default
Bit 7
R/W
TFRM[1]
0
Bit 6
R/W
TFRM[0]
0
Bit 5
R/W
TXREF
0
Bit 4
R/W
TICLK
0
Bit 3
R/W
TUNI
0
Bit 2
R/W
TCLKINV
0
Bit 1
R/W
TPOSINV
0
Bit 0
R/W
TNEGINV
0
TNEGINV
The TNEGINV bit provides polarity control for outputs TNEG/TOHM. When a logic zero is
written to TNEGINV, the TNEG/TOHM output is not inverted. When a logic one is written to
TNEGINV, the TNEG/TOHM output is inverted. The TNEGINV bit setting does not affect
the loopback data in diagnostic loopback.
TPOSINV
The TPOSINV bit provides polarity control for outputs TPOS/TDATO. When a logic zero is
written to TPOSINV, the TPOS/TDATO output is not inverted. When a logic one is written to
TPOSINV, the TPOS/TDATO output is inverted. The TPOSINV bit setting does not affect the
loopback data in diagnostic loopback.
TCLKINV
The TCLKINV bit provides polarity control for output TCLK. When a logic zero is written to
TCLKINV, TCLK is not inverted and outputs TPOS/TDATO and TNEG/TOHM are updated
on the falling edge of TCLK. When a logic one is written to TCLKINV, TCLK is inverted
and outputs TPOS/TDATO and TNEG/TOHM are updated on the rising edge of TCLK.
TUNI
The TUNI bit enables the S/UNI-JET to transmit unipolar or bipolar DS3, E3, or J2 data
streams. When a logic one is written to TUNI, the S/UNI-JET transmits unipolar DS3, E3, or
J2 data on TDATO. When TUNI is logic one, the TOHM output indicates the start of the DS3
M-Frame (the X1 bit), the start of the E3 frame (bit 1 of the frame), or the first framing bit of
the J2 multiframe. When a logic zero is written to TUNI, the S/UNI-JET transmits B3ZS-
encoded DS3 data, HDB3-encoded E3 data, or B8ZS-encoded J2 data on TPOS and TNEG.
The TUNI bit has no effect if TFRM[1:0] is set to 11 binary as the output data is
automatically configured for unipolar format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com