Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM7347 Datasheet(PDF) 62 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 62 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 58Page - PMC-Sierra, Inc PM7347 Datasheet HTML 59Page - PMC-Sierra, Inc PM7347 Datasheet HTML 60Page - PMC-Sierra, Inc PM7347 Datasheet HTML 61Page - PMC-Sierra, Inc PM7347 Datasheet HTML 62Page - PMC-Sierra, Inc PM7347 Datasheet HTML 63Page - PMC-Sierra, Inc PM7347 Datasheet HTML 64Page - PMC-Sierra, Inc PM7347 Datasheet HTML 65Page - PMC-Sierra, Inc PM7347 Datasheet HTML 66Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
62
Document ID: PMC-1990267, Issue 3
J2 extended LOF detection is provided as recommended by ITU-T G.783 with programmable
integration periods of 1 ms, 2 ms, or 3 ms. While integrating up to assert LOF, the counter will
integrate up when the framer asserts an OOF condition and integrates down when the framer de-
asserts the OOF condition. Once an LOF is asserted, the framer must not assert OOF for the
entire integration period before LOF is de-asserted.
10.4
RBOC Bit-Oriented Code Detector
Note: The Bit-Oriented Code Detector is only used in DS3 C-bit Parity or J2 mode.
The Bit-Oriented Code Detector (RBOC) Block detects the presence of 63 of the 64 possible bit-
oriented codes (BOCs) contained in the DS3 C-bit parity far-end alarm and control (FEAC)
channel or in the J2 datalink signal stream. The 64th code ("111111") is similar to the HDLC flag
sequence and is ignored.
BOCs are received on the FEAC channel as 16-bit sequences each consisting of eight ones, a
zero, six code bits, and a trailing zero ("111111110xxxxxx0"). BOCs are validated when repeated
at least 10 times. The RBOC can be enabled to declare a code valid if it has been observed for
eight out of 10 times or for four out of five times, as specified by the AVC bit in the RBOC
Configuration/Interrupt Enable Register. The RBOC declares that the code is removed if two code
sequences containing code values that are different from the detected code are received in a
moving window of 10 code periods.
Valid BOCs are indicated through the RBOC Interrupt Status Register. The BOC bits are set to
all-ones ("111111") when no valid code is detected. The RBOC can be programmed to generate
an interrupt when a detected code has been validated and when the code is removed.
10.5
RDLC PMDL Receiver
The RDLC is a microprocessor peripheral used to receive LAPD/HDLC frames on any serial
HDLC bit stream that provides data and clock information such as the DS3 C-bit parity Path
Maintenance Data Link, the E3 G.832 Network Requirement byte or the General Purpose data
link (selectable using the RNETOP bit in the S/UNI-JET Data Link and FERF/RAI Control
Register), the E3 G.751 Network Use bit, or the J2 m-bit Data Link.
The RDLC detects the change from flag characters to the first byte of data, removes stuffed zeros
on the incoming data stream, receives packet data, and calculates the CRC-CCITT frame check
sequence (FCS).
In the address matching mode, only those packets whose first data byte matches one of two
programmable bytes or the universal address (all ones) are stored in the FIFO. The two least
significant bits of the address comparison can be masked for LAPD SAPI matching.
Received data is placed into a 128-level FIFO buffer. An interrupt is generated when a
programmable number of bytes are stored in the FIFO buffer. Other sources of interrupt are
detection of the terminating flag sequence, abort sequence, or FIFO buffer overrun.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com