Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM7347 Datasheet(PDF) 19 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 19 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 15Page - PMC-Sierra, Inc PM7347 Datasheet HTML 16Page - PMC-Sierra, Inc PM7347 Datasheet HTML 17Page - PMC-Sierra, Inc PM7347 Datasheet HTML 18Page - PMC-Sierra, Inc PM7347 Datasheet HTML 19Page - PMC-Sierra, Inc PM7347 Datasheet HTML 20Page - PMC-Sierra, Inc PM7347 Datasheet HTML 21Page - PMC-Sierra, Inc PM7347 Datasheet HTML 22Page - PMC-Sierra, Inc PM7347 Datasheet HTML 23Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
19
Document ID: PMC-1990267, Issue 3
• Provides cell descrambling, header check sequence (HCS) error detection, idle cell filtering,
header descrambling (for use with PPP packets), and accumulates the number of received idle
cells, the number of received cells written to the FIFO, and the number of HCS errors.
• Provides a four cell FIFO for rate decoupling between the line, and a higher layer processing
entity. FIFO latency may be reduced by changing the number of operational cell FIFOs.
• Provides a receive HDLC controller with a 128-byte FIFO to accumulate data link
information.
• Provides detection of yellow alarm and loss of frame (LOF), and accumulates BIP-8 errors,
framing errors and FEBE events.
• Provides programmable pseudo-random test-sequence detection (up to 2
32
-1 bit length
patterns conforming to ITU-T O.151 standards) and analysis features.
The transmitter section of the S/UNI-JET:
• Provides frame insertion for the M23 or C-bit parity DS3 applications, alarm insertion, and
diagnostic features. Also:
° Optionally inserts far end alarm channel codes.
° Provides an integral HDLC transmitter is provided to insert the path maintenance data
link.
• Provides frame insertion for the G.751 or G.832 E3 applications, alarm insertion, and
diagnostic features. Also:
° Inserts the Trail Trace for G.832
° Provides an integral HDLC transmitter to insert either the Network Requirement or the
General Purpose data link.
• Provides frame insertion for G.704 6.312 Mbit/s J2 applications, alarm insertion, and
diagnostic features, and also an integral HDLC transmitter to insert the path maintenance data
link.
• Provides frame insertion and path overhead insertion for DS1, DS3, E1 or E3 based PLCP
formats, and also alarm insertion and diagnostic features.
• Provides a 50 MHz 8-bit wide or 16-bit wide Utopia FIFO buffer in the transmit path with
parity support and multi-PHY (Level 2) control signals.
• Provides optional ATM cell scrambling, header scrambling (for use with PPP packets), HCS
generation/insertion, programmable idle cell insertion, diagnostics features and accumulates
transmitted cells read from the FIFO.
• Provides a four cell FIFO for rate decoupling between the line and a higher layer processing
entity. FIFO latency may be reduced by changing the number of operational cells in the FIFO.
• Provides a transmit HDLC controller with a 128-byte FIFO.
• Provides an 8 kHz reference input for locking the transmit PLCP frame rate to an externally
applied frame reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com