Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM7347 Datasheet(PDF) 96 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 96 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 92Page - PMC-Sierra, Inc PM7347 Datasheet HTML 93Page - PMC-Sierra, Inc PM7347 Datasheet HTML 94Page - PMC-Sierra, Inc PM7347 Datasheet HTML 95Page - PMC-Sierra, Inc PM7347 Datasheet HTML 96Page - PMC-Sierra, Inc PM7347 Datasheet HTML 97Page - PMC-Sierra, Inc PM7347 Datasheet HTML 98Page - PMC-Sierra, Inc PM7347 Datasheet HTML 99Page - PMC-Sierra, Inc PM7347 Datasheet HTML 100Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
96
Document ID: PMC-1990267, Issue 3
Register 006H: S/UNI-JET Identification, Master Reset, and Global Monitor Update
Bit
Type
Function
Default
Bit 7
R/W
RESET
0
Bit 6
R
TYPE[3]
1
Bit 5
R
TYPE[2]
0
Bit 4
R
TYPE[1]
0
Bit 3
R
TYPE[0]
0
Bit 2
R
Unused
X
Bit 1
R
ID[1]
1
Bit 0
R
ID[0]
0
This register is used for global performance monitor updates, global software resets, and for
device identification. Writing any value except 80H into this register initiates latching of all
performance monitor counts in the PMON, RXCP-50, and TXCP-50 blocks in all four quadrants
of the S/UNI-JET. The TIP register bit is used to signal when the latching is complete.
The CPPM Counter Registers are not latched by writing to Register 006H. Counters in the CPPM
can only be updated by writing to CPPM register addresses (322H – 32FH).
ID[1:0]
The ID[1:0] bits allows software to identify the version level of the S/UNI-JET.
TYPE[3:0]
The TYPE[3:0] bits allow software to identify this device as the S/UNI-JET member of the
S/UNI family of products.
RESET
The RESET bit allows software to asynchronously reset the S/UNI-JET. The software reset is
equivalent to setting the RSTB input pin low, except that the S/UNI-JET Master Test Register
is not affected. When a logic one is written to RESET, the S/UNI-JET is reset. When a logic
zero is written to RESET, the reset is removed. The RESET bit must be explicitly set and
cleared by writing the corresponding logic value to this register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com