Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM7347 Datasheet(PDF) 90 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 90 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 86Page - PMC-Sierra, Inc PM7347 Datasheet HTML 87Page - PMC-Sierra, Inc PM7347 Datasheet HTML 88Page - PMC-Sierra, Inc PM7347 Datasheet HTML 89Page - PMC-Sierra, Inc PM7347 Datasheet HTML 90Page - PMC-Sierra, Inc PM7347 Datasheet HTML 91Page - PMC-Sierra, Inc PM7347 Datasheet HTML 92Page - PMC-Sierra, Inc PM7347 Datasheet HTML 93Page - PMC-Sierra, Inc PM7347 Datasheet HTML 94Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
90
Document ID: PMC-1990267, Issue 3
LOFINT[1:0]
The LOFINT[1:0] bits determine the integration period used for asserting and de-asserting E3
and DS3 LOF or J2 extended LOF on the FRMLOF register bit of the S/UNI-JET FRMR
LOF Status Register (x9CH) and on the FRMSTAT[4:1] output pins (if this function is
enabled by the STATSEL[2:0] register bits of the S/UNI-JET Configuration 2 Register). The
integration times are selected as shown in Table 9:
Table 9 LOF[1:0] Integration Period Configuration
LOFINT[1:0]
Integration Period
00
3 ms
01
2 ms
10
1 ms
11
Reserved
RFRM[1:0]
The RFRM[1:0] bits determine the expected frame structure of the received signal. Refer to
Table 10:
Table 10 RFRM[1:0] Receive Frame Structure Configurations
RFRM[1:0]
Expected Receive Frame Structure
00
DS3 (C-bit parity or M23 depending on the setting of the CBE bit in the DS3 FRMR
Configuration Register)
01
E3 (G.751 or G.832 depending on the setting of the FORMAT[1:0] bits in the E3
FRMR Framing Options Register)
10
J2 (G.704 and NTT compliant framing format)
11
DS1/E1/Arbitrary framing format (When EXT in the SPLR Configuration Register is
a logic zero, then DS1 or E1 direct-mapped or PLCP framing is selected (via the
PLCPEN and FORM[1:0] bits in the SPLR Configuration Register) and the frame
alignment is indicated by the ROHM[x] input pin. When EXT is a logic one, then the
arbitrary framing format is selected and overhead bit positions are indicated by the
ROHM[x] input pin.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com