Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM7347 Datasheet(PDF) 12 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 12 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 8Page - PMC-Sierra, Inc PM7347 Datasheet HTML 9Page - PMC-Sierra, Inc PM7347 Datasheet HTML 10Page - PMC-Sierra, Inc PM7347 Datasheet HTML 11Page - PMC-Sierra, Inc PM7347 Datasheet HTML 12Page - PMC-Sierra, Inc PM7347 Datasheet HTML 13Page - PMC-Sierra, Inc PM7347 Datasheet HTML 14Page - PMC-Sierra, Inc PM7347 Datasheet HTML 15Page - PMC-Sierra, Inc PM7347 Datasheet HTML 16Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
12
Document ID: PMC-1990267, Issue 3
List of Figures
Figure 1 S/UNI-JET Operating as an ATM PHY in an ATM Switch ................................26
Figure 2 S/UNI-JET Operating as a Framer Device in Frame Relay Equipment............27
Figure 3 Block Diagram...................................................................................................28
Figure 4 Framing algorithm (CRC_REFR = 0) ................................................................60
Figure 5 Framing Algorithm (CRC_REFR = 1)................................................................61
Figure 6 Cell delineation State Diagram .........................................................................65
Figure 7 HCS Verification State Diagram........................................................................68
Figure 8 DS3 PLCP Frame Format...............................................................................262
Figure 9 DS1 PLCP Frame Format...............................................................................262
Figure 10 G.751 E3 PLCP Frame Format.....................................................................263
Figure 11 E1 PLCP Frame Format................................................................................264
Figure 12 DS3 Frame Structure ....................................................................................267
Figure 13 G.751 E3 Frame Structure ............................................................................269
Figure 14 G.832 E3 Frame Structure ............................................................................270
Figure 15 J2 Frame Structure .......................................................................................272
Figure 16 16-bit Wide, 26-byte Word Structure.............................................................273
Figure 17 16-bit Wide, 27-byte Word Structure.............................................................274
Figure 18 8-bit Wide, 52-byte Word Structure...............................................................275
Figure 19 8-bit Wide, 53-byte Word Structure...............................................................276
Figure 20 Typical Data Frame.......................................................................................284
Figure 21 Example Multi-Packet Operational Sequence ..............................................284
Figure 22 PRGD Pattern Generator ..............................................................................285
Figure 23 Boundary Scan Architecture .........................................................................288
Figure 24 TAP Controller Finite State Machine.............................................................290
Figure 25 Input Observation Cell (IN_CELL) ................................................................293
Figure 26 Output Cell (OUT_CELL) ..............................................................................293
Figure 27 Bi-directional Cell (IO_CELL) ........................................................................294
Figure 28 Layout of Output Enable and Bi-directional Cells .........................................294
Figure 29 Receive DS1 Stream.....................................................................................295
Figure 30 Receive E1 Stream .......................................................................................295
Figure 31 Receive Bipolar DS3 Stream ........................................................................296
Figure 32 Receive Unipolar DS3 Stream ......................................................................296
Figure 33 Receive Bipolar E3 Stream ...........................................................................296



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com