Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM7347 Datasheet(PDF) 59 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 59 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 55Page - PMC-Sierra, Inc PM7347 Datasheet HTML 56Page - PMC-Sierra, Inc PM7347 Datasheet HTML 57Page - PMC-Sierra, Inc PM7347 Datasheet HTML 58Page - PMC-Sierra, Inc PM7347 Datasheet HTML 59Page - PMC-Sierra, Inc PM7347 Datasheet HTML 60Page - PMC-Sierra, Inc PM7347 Datasheet HTML 61Page - PMC-Sierra, Inc PM7347 Datasheet HTML 62Page - PMC-Sierra, Inc PM7347 Datasheet HTML 63Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
59
Document ID: PMC-1990267, Issue 3
The J2-FRMR frames to a J2 signal with an average reframe time of 5.07 ms. An alternate
framing algorithm that uses the CRC-5 check to detect static mimic patterns is also available.
Once in frame, the J2-FRMR provides indications of frame and multiframe boundaries, and
marks overhead bits, x-bits, m-bits, and reserved channels (TS97 and TS98). Indications of LOS,
bipolar violations, excessive zeroes, change of frame alignment, framing errors, and CRC errors
are provided, and may be accumulated by the PMON (with the exception of change of frame
alignment). Maskable interrupts are available to alert the microprocessor to the occurrence of any
of these events. In addition to marking x-bit values, J2-FRMR provides microprocessor access to
the x-bits, and will optionally generate an interrupt when any of the x-bits change state. The m-
bits and the associated clock are can either be extracted through the RDLC or through the
ROH[x] and ROHCLK[x] output pins of the S/UNI-JET . The m-bits are also presented to the
RBOC for detection of any generic bit-oriented codes.
The J2-FRMR detects status signals such as Physical AIS, Payload AIS, RAI in m-bits, and
Remote LOF (a-bit). It also optionally generates an interrupt when any of these status signals
change.
J2 LOS is declared when no marks have been received for one of 15, 31, 63, or 255 consecutive
bit periods. J2 LOS is cleared when either 15, 31, 63, or 255 consecutive bit periods have passed
without detection of excessive zeros (meaning eight or more consecutive zeros) as required by
ITU-T G.775.
J2 LOF is declared when seven or more consecutive multiframes with errored framing patterns
are received. The J2 LOF is cleared when three or more consecutive multiframes with correct
framing patterns are received. Also available are framing algorithms that take into account the
CRC calculation. These framing algorithms are described in the following section.
J2 Physical Layer AIS is declared when two or less zeros are detected in a sequence of 3156 bits.
It is cleared when three or more zeros is detected in a sequence of 3156 bits as required by ITU-T
G.775.
J2 Payload AIS is detected when the incoming J2 payload has two or less zeros in a sequence of
3072 bits. It is cleared when three or more zeros are detected in a sequence of 3072 bits.
Note: The J2-FRMR may be forced to re-frame by microprocessor control. Similarly, the
microprocessor may disable the J2-FRMR from reframing due to framing bit errors.
You can configure the J2-FRMR and mask or acknowledge all sources of interrupts through the
internal registers. These internal registers are accessed from a generic microprocessor bus.
10.3.1
J2 Frame Find Algorithms
The J2-FRMR searches for frame alignment using one of two algorithms, as selected by the
CRC_REFR bit in the J2-FRMR Configuration Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com