Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF5045 Datasheet(PDF) 18 Page - Texas Instruments

Part # REF5045
Description  ADS8881x 18-Bit, 1-MSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF5045 Datasheet(HTML) 18 Page - Texas Instruments

Back Button REF5045 Datasheet HTML 14Page - Texas Instruments REF5045 Datasheet HTML 15Page - Texas Instruments REF5045 Datasheet HTML 16Page - Texas Instruments REF5045 Datasheet HTML 17Page - Texas Instruments REF5045 Datasheet HTML 18Page - Texas Instruments REF5045 Datasheet HTML 19Page - Texas Instruments REF5045 Datasheet HTML 20Page - Texas Instruments REF5045 Datasheet HTML 21Page - Texas Instruments REF5045 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 62 page
background image
85
87
89
91
93
95
97
99
101
103
105
0.001
0.01
0.1
1
10
100
Input Frequency (kHz)
C03
0
2000
4000
6000
8000
10000
12000
14000
16000
18000
-0.01
-0.005
0
0.005
0.01
Gain Error (% FS)
C03
AVDD = 3 V
REF = 5 V
T
A = 25
oC
15000 Devices
-4
-3
-2
-1
0
1
2
3
4
-40
-15
10
35
60
85
Free-Air Temperature (oC)
C03
-0.01
-0.006
-0.002
0.002
0.006
0.01
-40
-15
10
35
60
85
Free-Air Temperature (oC)
C03
0
1
2
3
4
5
6
0
200
400
600
800
1000
Throughput (kSPS)
C03
0
25
50
75
100
125
150
175
200
-40
-15
10
35
60
85
Free-Air Temperature (oC)
C03
18
ADS8881
SBAS547D – MAY 2013 – REVISED AUGUST 2015
www.ti.com
Product Folder Links: ADS8881
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Typical Characteristics (continued)
At TA = 25°C, AVDD = 3 V, DVDD = 3 V, VREF = 5 V, and fSAMPLE = 1 MSPS, unless otherwise noted.
Figure 34. Power Consumption vs Throughput
Figure 35. Power-Down Current vs Temperature
Figure 36. Offset vs Temperature
Figure 37. Gain Error vs Temperature
Figure 38. CMRR vs Input Frequency
Figure 39. Typical Distribution of Gain Error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com