Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF5045 Datasheet(PDF) 24 Page - Texas Instruments

Part # REF5045
Description  ADS8881x 18-Bit, 1-MSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF5045 Datasheet(HTML) 24 Page - Texas Instruments

Back Button REF5045 Datasheet HTML 20Page - Texas Instruments REF5045 Datasheet HTML 21Page - Texas Instruments REF5045 Datasheet HTML 22Page - Texas Instruments REF5045 Datasheet HTML 23Page - Texas Instruments REF5045 Datasheet HTML 24Page - Texas Instruments REF5045 Datasheet HTML 25Page - Texas Instruments REF5045 Datasheet HTML 26Page - Texas Instruments REF5045 Datasheet HTML 27Page - Texas Instruments REF5045 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 62 page
background image
20001
1FFFF
00000
VREF
± 1 LSB
0
±VREF
+ 1 LSB
Differential Analog Input
(AINP
AINN)
±1 LSB
3FFFF
VIN
20000
24
ADS8881
SBAS547D – MAY 2013 – REVISED AUGUST 2015
www.ti.com
Product Folder Links: ADS8881
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
10.3.4 ADC Transfer Function
The ADS8881 is a unipolar, differential input device. The device output is in twos compliment format.
Figure 49 shows ideal characteristics for the device. The full-scale range for the ADC input (AINP – AINN) is
equal to twice the reference input voltage to the ADC (2 × VREF). The LSB for the ADC is given by Equation 1.
1 LSB = [2 × (VREF / 2
18)]
(1)
Figure 49. Differential Transfer Characteristics
10.4 Device Functional Modes
The ADS8881 is a low pin-count device. However, the device offers six different options for interfacing with the
digital host.
These options can be broadly classified as being either CS mode (in either a 3- or 4-wire interface) or daisy-
chain mode. The device operates in CS mode if DIN is high at the CONVST rising edge. If DIN is low at the
CONVST rising edge, or if DIN and CONVST are connected together, the device operates in daisy-chain mode.
In both modes, the device can either operate with or without a busy indicator, where the busy indicator is a bit
preceding the output data bits that can be used to interrupt the digital host and trigger the data transfer.
The 3-wire interface in CS mode is useful for applications that need galvanic isolation on-board. The 4-wire
interface in CS mode allows the user to sample the analog input independent of the serial interface timing and,
therefore, allows easier control of an individual device while having multiple, similar devices on-board. The daisy-
chain mode is provided to hook multiple devices in a chain similar to a shift register and is useful in reducing
component count and the number of signal traces on the board.
10.4.1 CS Mode
CS mode is selected if DIN is high at the CONVST rising edge. There are four different interface options
available in this mode: 3-wire CS mode without a busy indicator, 3-wire CS mode with a busy indicator, 4-wire
CS mode without a busy indicator, and 4-wire CS mode with a busy indicator. The following sections discuss
these interface options in detail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com