Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF5045 Datasheet(PDF) 47 Page - Texas Instruments

Part # REF5045
Description  ADS8881x 18-Bit, 1-MSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF5045 Datasheet(HTML) 47 Page - Texas Instruments

Back Button REF5045 Datasheet HTML 43Page - Texas Instruments REF5045 Datasheet HTML 44Page - Texas Instruments REF5045 Datasheet HTML 45Page - Texas Instruments REF5045 Datasheet HTML 46Page - Texas Instruments REF5045 Datasheet HTML 47Page - Texas Instruments REF5045 Datasheet HTML 48Page - Texas Instruments REF5045 Datasheet HTML 49Page - Texas Instruments REF5045 Datasheet HTML 50Page - Texas Instruments REF5045 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 62 page
background image
1PF
1PF
10PF
Differential
Inputs
DVDD
10: DVDD
9: SDI
8: SCLK
7: SDO
6: CONVST
GND
5: GND
4: AINN
3: AINP
2: AVDD
1: REF
0.1O t 0.47O
REF
GND
GND
47O
47O
47O
GND
Positive Input
Negative Input
SDO
47
ADS8881
www.ti.com
SBAS547D – MAY 2013 – REVISED AUGUST 2015
Product Folder Links: ADS8881
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
13 Layout
13.1 Layout Guidelines
Figure 77 shows a board layout example for the device. Appropriate layout that interconnects accompanying
capacitors and converters with low inductance is critical for achieving optimum performance. Thus, a PCB board
with at least four layers is recommended to keep all critical components on the top layer and interconnected to a
solid (low inductance) analog ground plane at the subsequent inner layer using 15-mil vias. Avoid crossing digital
lines with the analog signal path and keep the analog input signals and the reference input signals away from
noise sources. As shown in Figure 77, the analog input and reference signals are routed on the left side of the
board and the digital connections are routed on the right side of the device.
As a result of dynamic currents during conversion and data transfer, each supply pin (AVDD and DVDD) must
have a decoupling capacitor to keep the supply voltage stable. To maximize decoupling capabilities, inductance
between each supply capacitor and the supply pin of the converter is kept less than 5 nH by placing the
capacitor within 0.2-inches from the pin and connecting it with 20-mil traces and a 15-mil grounding via, as
shown in Figure 77. TI recommends using one 1-μF ceramic capacitor at each supply pin. Avoid placing vias
between the supply pin and its decoupling capacitor.
Dynamic currents are also present at the REF pin during the conversion phase and very good decoupling is
critical to achieve optimum performance. The inductance between the reference capacitor and the REF pin is
kept less than 2 nH by placing the capacitor within 0.1-inches from the pin and connecting it with 20-mil traces
and multiple 15-mil grounding vias, as shown in Figure 77. A single, 10-μF, X7R-grade, 0805-size, ceramic
capacitor with at least a 10-V rating is recommended for good performance over the rated temperature range.
Avoid using additional lower value capacitors because the interactions between multiple capacitors may affect
the ADC performance at higher sampling rates. A small, 0.1-Ω to 0.47-Ω, 0603-size resistor placed in series with
the reference capacitor (as shown in Figure 77) keeps the overall impedance low and constant, especially at very
high frequencies.
The fly-wheel RC filters are placed immediately next to the input pins. Among ceramic surface-mount capacitors,
COG (NPO) ceramic capacitors provide the best capacitance precision. The type of dielectric used in COG
(NPO) ceramic capacitors provides the most stable electrical properties over voltage, frequency, and temperature
changes.
13.2 Layout Example
Figure 77. Recommended Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com