Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF5045 Datasheet(PDF) 33 Page - Texas Instruments

Part # REF5045
Description  ADS8881x 18-Bit, 1-MSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF5045 Datasheet(HTML) 33 Page - Texas Instruments

Back Button REF5045 Datasheet HTML 29Page - Texas Instruments REF5045 Datasheet HTML 30Page - Texas Instruments REF5045 Datasheet HTML 31Page - Texas Instruments REF5045 Datasheet HTML 32Page - Texas Instruments REF5045 Datasheet HTML 33Page - Texas Instruments REF5045 Datasheet HTML 34Page - Texas Instruments REF5045 Datasheet HTML 35Page - Texas Instruments REF5045 Datasheet HTML 36Page - Texas Instruments REF5045 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 62 page
background image
33
ADS8881
www.ti.com
SBAS547D – MAY 2013 – REVISED AUGUST 2015
Product Folder Links: ADS8881
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Device Functional Modes (continued)
At the end of conversion, every ADC in the chain loads its own conversion result into the internal, 18-bit, shift
register and also forces its DOUT pin high, thereby providing a low-to-high transition on the IRQ pin of the digital
host. All ADCs enter an acquisition phase and power-down. On every subsequent SCLK falling edge, the internal
shift register of each ADC latches the data available on its DIN pin and shifts out the next bit of data on its DOUT
pin. Therefore, the digital host receives the interrupt signal followed by the data of ADC N followed by the data of
ADC N–1, and so on (in MSB-first fashion). A total of (18 × N) + 1 SCLK falling edges are required to capture the
outputs of all N devices in the chain. Fast sampling rates require a high-frequency SCLK and data must be read
at the SCLK falling edges. For slow sampling rates and SCLK frequency
≤ 36 MHz, data can be read at either
SCLK falling or rising edges. Note that with any SCLK frequency, reading data at the SCLK falling edge requires
the digital host to clock in the data during the th_CK_DO-min time frame. Note that the busy indicator bits of ADC 1 to
ADC N–1 do not propagate to the next device in the chain.
NOTE: For SCLK
≤ 36 MHz, SPI mode-3 (CPOL = 1, CPHA = 1) allows reading the conversion results of N
ADCs in 18 × N SCLK cycles because the busy indicator bit is not clocked in by the host.
11 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
11.1 Application Information
The two primary circuits required to maximize the performance of a high-precision, successive approximation
register (SAR), analog-to-digital converter (ADC) are the input driver and the reference driver circuits. This
section details some general principles for designing these circuits, followed by some application circuits
designed using the ADS8881.
11.1.1 ADC Reference Driver
The external reference source to the ADS8881 must provide low-drift and very accurate voltage for the ADC
reference input and support the dynamic charge requirements without affecting the noise and linearity
performance of the device. The output broadband noise of most references can be in the order of a few hundred
μVRMS. Therefore, to prevent any degradation in the noise performance of the ADC, the output of the voltage
reference must be appropriately filtered by using a low-pass filter with a cutoff frequency of a few hundred hertz.
After band-limiting the noise of the reference circuit, the next important step is to design a reference buffer that
can drive the dynamic load posed by the reference input of the ADC. The reference buffer must regulate the
voltage at the reference pin such that the value of VREF stays within the 1-LSB error at the start of each
conversion. This condition necessitates the use of a large capacitor, CBUF_FLT (see Figure 48) for regulating the
voltage at the reference input of the ADC. The amplifier selected to drive the reference pin must have an
extremely low offset and temperature drift with a low output impedance to drive the capacitor at the ADC
reference pin without any stability issues.
11.1.2 ADC Input Driver
The input driver circuit for a high-precision ADC mainly consists of two parts: a driving amplifier and a fly-wheel
RC filter. The amplifier is used for signal conditioning of the input voltage and its low output impedance provides
a buffer between the signal source and the switched capacitor inputs of the ADC. The RC filter helps attenuate
the sampling charge injection from the switched-capacitor input stage of the ADC and functions as an antialiasing
filter to band-limit the wideband noise contributed by the front-end circuit. Careful design of the front-end circuit is
critical to meet the linearity and noise performance of a high-precision, 18-bit ADC such as the ADS8881.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com