Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF5045 Datasheet(PDF) 40 Page - Texas Instruments

Part # REF5045
Description  ADS8881x 18-Bit, 1-MSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF5045 Datasheet(HTML) 40 Page - Texas Instruments

Back Button REF5045 Datasheet HTML 36Page - Texas Instruments REF5045 Datasheet HTML 37Page - Texas Instruments REF5045 Datasheet HTML 38Page - Texas Instruments REF5045 Datasheet HTML 39Page - Texas Instruments REF5045 Datasheet HTML 40Page - Texas Instruments REF5045 Datasheet HTML 41Page - Texas Instruments REF5045 Datasheet HTML 42Page - Texas Instruments REF5045 Datasheet HTML 43Page - Texas Instruments REF5045 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 62 page
background image
AVDD
OPA+
OPA+
OPA+
10
10 nF
0.2
10 µF
1 k
1 µF
+
-
+
THS4281
1 k
1 µF
+
-
+
OPA333
20 k
1 µF
VIN+
+
+
THS4521
V
+
AINP
AINM
REF
GND
AVDD
CONVST
CONVST
Device
10
Input Driver
Reference Drive Circuit
SAR ADC
-
-
1 k
1 k
1 k
1 k
+
OPA+
REF5045
(See Reference Datasheet
for Detailed Pin Configuration)
AVDD
OPA+
OPA+
OPA+
VCM
10
10 nF
0.2
10 µF
1 k
1 µF
+
-
+
THS4281
1 k
1 µF
+
-
+
OPA333
20 k
1 µF
VIN+
VIN-
+
+
THS4521
V
+
AINP
AINM
REF
GND
AVDD
CONVST
CONVST
Device
10
Input Driver
Reference Drive Circuit
SAR ADC
-
-
1 k
1 k
1 k
1 k
+
OPA+
REF5045
(See Reference Datasheet
for Detailed Pin Configuration)
40
ADS8881
SBAS547D – MAY 2013 – REVISED AUGUST 2015
www.ti.com
Product Folder Links: ADS8881
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
11.2.3 DAQ Circuit for Lowest Distortion and Noise Performance at 1 MSPS
Figure 69. Differential Input DAQ Circuit for Lowest Distortion and Noise at 1 MSPS
Figure 70. Single-Ended to Differential DAQ Circuit for Lowest Distortion and Noise at 1 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com