Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF5045 Datasheet(PDF) 29 Page - Texas Instruments

Part # REF5045
Description  ADS8881x 18-Bit, 1-MSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF5045 Datasheet(HTML) 29 Page - Texas Instruments

Back Button REF5045 Datasheet HTML 25Page - Texas Instruments REF5045 Datasheet HTML 26Page - Texas Instruments REF5045 Datasheet HTML 27Page - Texas Instruments REF5045 Datasheet HTML 28Page - Texas Instruments REF5045 Datasheet HTML 29Page - Texas Instruments REF5045 Datasheet HTML 30Page - Texas Instruments REF5045 Datasheet HTML 31Page - Texas Instruments REF5045 Datasheet HTML 32Page - Texas Instruments REF5045 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 62 page
background image
œœ
œœ
œœ
BUSY
D17
D1
D0
1
2
18
19
D2
D16
17
DOUT
SCLK
DIN
3
CONVST
1/fsample
tACQ
tconv-max
Acquiring
Sample N
Converting
Sample N
Conversion Result of Sample N Clocked-out
while Acquiring Sample N+1
ADC
STATE
SDO Pulled-up
tconv-min
DIN =0
CONVST
SCLK
DOUT
CNV
CLK
SDI
DIN
ADC
Digital Host
IRQ
DVDD
CS
29
ADS8881
www.ti.com
SBAS547D – MAY 2013 – REVISED AUGUST 2015
Product Folder Links: ADS8881
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Device Functional Modes (continued)
10.4.1.4 4-Wire CS Mode With a Busy Indicator
This interface option is most useful when a single ADC is connected to an SPI-compatible digital host and an
interrupt-driven data transfer is desired. In this interface option, the analog sample is least affected by clock jitter
because the CONVST signal (used to sample the input) is independent of the data read operation. In this
interface option, DIN is controlled by the digital host and functions as CS (as shown in Figure 58). The pull-up
resistor on the DOUT pin ensures that the IRQ pin of the digital host is held high when DOUT goes to 3-state. As
shown in Figure 59, when DIN is high, a CONVST rising edge selects CS mode, forces DOUT to 3-state,
samples the input signal, and causes the device to enter a conversion phase. In this interface option, CONVST
must be held high from the start of the conversion until all data bits are read. Conversion is done with the internal
clock and continues regardless of the state of DIN. As a result, DIN (acting as CS) can be pulled low to select
other devices on the board. However, DIN must be pulled low before the minimum conversion time (tconv-min)
elapses and remains low until the maximum possible conversion time (tconv-max) elapses. A low level on the DIN
input at the end of a conversion ensures the device generates a busy indicator.
Figure 58. Connection Diagram: 4-Wire CS Mode With a Busy Indicator
Figure 59. Interface Timing Diagram: 4-Wire CS Mode With a Busy Indicator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com