Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF5045 Datasheet(PDF) 32 Page - Texas Instruments

Part # REF5045
Description  ADS8881x 18-Bit, 1-MSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF5045 Datasheet(HTML) 32 Page - Texas Instruments

Back Button REF5045 Datasheet HTML 28Page - Texas Instruments REF5045 Datasheet HTML 29Page - Texas Instruments REF5045 Datasheet HTML 30Page - Texas Instruments REF5045 Datasheet HTML 31Page - Texas Instruments REF5045 Datasheet HTML 32Page - Texas Instruments REF5045 Datasheet HTML 33Page - Texas Instruments REF5045 Datasheet HTML 34Page - Texas Instruments REF5045 Datasheet HTML 35Page - Texas Instruments REF5045 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 62 page
background image
œœ
œœ
œœ
BUSY
D0
1
19
D1
D17
18
DOUT-1
& DIN-2
SCLK
2
CONVST
1/fsample
tACQ
tconv-max
Acquiring
6DPSOH µQ¶
Converting
6DPSOH µQ¶
End-of-
Conversion
ADC
STATE
tconv-min
œœ
20
37
36
21
$FTXLULQJ 6DPSOH µQ+1¶
DOUT-2
œœ
D17
œœ
œœ
BUSY
D0
D1
D17
œœ
œœ
D0
D1
D16
DIN-1 =
CONVST
th-DI-CNV
ADC 2
GDWD IRU VDPSOH µQ¶
ADC 1
GDWD IRU VDPSOH µQ¶
ADC 1 data
ADC 2 data
ADC 1 data
CONVST
DOUT-
1
SCLK
DIN-
1
SDI
CLK
CNV
ADC 1
Digital Host
IRQ
CONVST
DOUT-
2
SCLK
DIN-
2
ADC 2
CONVST
DOUT-
N
SCLK
DIN-
N
ADC N
CONVST
DOUT-
N-1
SCLK
DIN-
N-1
ADC N 1
}
}
32
ADS8881
SBAS547D – MAY 2013 – REVISED AUGUST 2015
www.ti.com
Product Folder Links: ADS8881
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Device Functional Modes (continued)
10.4.2.2 Daisy-Chain Mode With a Busy Indicator
This interface option is most useful in applications where multiple ADC devices are used but the digital host has
limited interfacing capability and an interrupt-driven data transfer is desired. Figure 62 shows a connection
diagram with N ADCs connected in the daisy-chain. The CONVST pins of all ADCs in the chain are connected
together and are controlled by a single pin of the digital host. Similarly, the SCLK pins of all ADCs in the chain
are connected together and are controlled by a single pin of the digital host. The DIN pin for ADC 1 (DIN-1) is
connected to its CONVST. The DOUT pin of ADC 1 (DOUT-1) is connected to the DIN pin of ADC 2 (DIN-2), and
so on. The DOUT pin of the last ADC in the chain (DOUT-N) is connected to the SDI and IRQ pins of the digital
host.
Figure 62. Connection Diagram: Daisy-Chain Mode With a Busy Indicator (DIN = 0)
As shown in Figure 63, the device DOUT pin is driven low when DIN and CONVST are low together. A CONVST
rising edge selects daisy-chain mode, samples the analog input, and causes the device to enter a conversion
phase. In this interface option, CONVST must remain high from the start of the conversion until all data bits are
read. When started, the conversion continues regardless of the state of SCLK, however SCLK must be high at
the CONVST rising edge so that the device generates a busy indicator at the end of the conversion.
Figure 63. Interface Timing Diagram: For Two Devices in Daisy-Chain Mode With a Busy Indicator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com