Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF5045 Datasheet(PDF) 26 Page - Texas Instruments

Part # REF5045
Description  ADS8881x 18-Bit, 1-MSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF5045 Datasheet(HTML) 26 Page - Texas Instruments

Back Button REF5045 Datasheet HTML 22Page - Texas Instruments REF5045 Datasheet HTML 23Page - Texas Instruments REF5045 Datasheet HTML 24Page - Texas Instruments REF5045 Datasheet HTML 25Page - Texas Instruments REF5045 Datasheet HTML 26Page - Texas Instruments REF5045 Datasheet HTML 27Page - Texas Instruments REF5045 Datasheet HTML 28Page - Texas Instruments REF5045 Datasheet HTML 29Page - Texas Instruments REF5045 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 62 page
background image
œœ
œœ
œœ
BUSY
D17
D1
D0
1
2
18
19
D2
D16
17
Acquiring
Sample N
Converting
Sample N
Conversion Result of Sample N Clocked-out
while Acquiring Sample N+1
End-of-Conversion
ADC
STATE
DOUT
SCLK
CONVST
3
1/fsample
tACQ
tconv-max
tconv-min
SDO Pulled-up
CONVST = 0
DIN = DVDD
CONVST
SCLK
DOUT
CNV
CLK
SDI
DIN
ADC
Digital Host
DVDD
DVDD
IRQ
26
ADS8881
SBAS547D – MAY 2013 – REVISED AUGUST 2015
www.ti.com
Product Folder Links: ADS8881
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Device Functional Modes (continued)
10.4.1.2 3-Wire CS Mode With a Busy Indicator
This interface option is most useful when a single ADC is connected to an SPI-compatible digital host and an
interrupt-driven data transfer is desired. In this interface option, DIN can be connected to DVDD and CONVST
functions as CS (as shown in Figure 52). The pull-up resistor on the DOUT pin ensures that the IRQ pin of the
digital host is held high when DOUT goes to 3-state. As shown in Figure 53, a CONVST rising edge forces
DOUT to 3-state, samples the input signal, and causes the device to enter a conversion phase. Conversion is
done with the internal clock and continues regardless of the state of CONVST. As a result, CONVST (functioning
as CS) can be pulled low after the start of the conversion to select other devices on the board. However,
CONVST must be pulled low before the minimum conversion time (tconv-min) elapses and must remain low until
the maximum possible conversion time (tconv-max) elapses. A low level on the CONVST input at the end of a
conversion ensures the device generates a busy indicator.
Figure 52. Connection Diagram: 3-Wire CS Mode With a Busy Indicator
Figure 53. Interface Timing Diagram: 3-Wire CS Mode With a Busy Indicator (DIN = 1)
When conversion is complete, the device enters an acquisition phase and powers down, DOUT comes out of 3-
state, and the device outputs a busy indicator bit (low level) on the DOUT pin. This configuration provides a high-
to-low transition on the IRQ pin of the digital host. The data bits are clocked out, MSB first, on the subsequent
SCLK falling edges. Fast sampling rates require high frequency SCLK and data must be read at SCLK falling
edges. For slow sampling rates and SCLK frequency
≤ 36 MHz, data can be read at either SCLK falling or rising
edges. Note that with any SCLK frequency, reading data at SCLK falling edge requires the digital host to clock in
the data during the th_CK_DO-min time frame. DOUT goes to 3-state after the 19th SCLK falling edge or when
CONVST goes high, whichever occurs first.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com