Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF5045 Datasheet(PDF) 31 Page - Texas Instruments

Part # REF5045
Description  ADS8881x 18-Bit, 1-MSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF5045 Datasheet(HTML) 31 Page - Texas Instruments

Back Button REF5045 Datasheet HTML 27Page - Texas Instruments REF5045 Datasheet HTML 28Page - Texas Instruments REF5045 Datasheet HTML 29Page - Texas Instruments REF5045 Datasheet HTML 30Page - Texas Instruments REF5045 Datasheet HTML 31Page - Texas Instruments REF5045 Datasheet HTML 32Page - Texas Instruments REF5045 Datasheet HTML 33Page - Texas Instruments REF5045 Datasheet HTML 34Page - Texas Instruments REF5045 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 62 page
background image
œœ
œœ
œœ
D17
D0
1
18
D1
D16
17
DOUT-1
& DIN-2
SCLK
2
CONVST
1/fsample
tACQ
tconv-max
Acquiring
6DPSOH µQ¶
Converting
6DPSOH µQ¶
End-of-
Conversion
ADC
STATE
tconv-min
œœ
19
36
35
20
$FTXLULQJ 6DPSOH µQ+1¶
ADC 2
GDWD IRU VDPSOH µQ¶
ADC 1
GDWD IRU VDPSOH µQ¶
DOUT-2
œœ
D17
œœ
œœ
D17
D0
D1
D16
œœ
œœ
D0
D1
D16
DIN-1 = LOW
ADC 1 data
ADC 2 data
ADC 1 data
31
ADS8881
www.ti.com
SBAS547D – MAY 2013 – REVISED AUGUST 2015
Product Folder Links: ADS8881
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Device Functional Modes (continued)
As shown in Figure 61, the device DOUT pin is driven low when DIN and CONVST are low together. With DIN
low, a CONVST rising edge selects daisy-chain mode, samples the analog input, and causes the device to enter
a conversion phase. In this interface option, CONVST must remain high from the start of the conversion until all
data bits are read. When started, the conversion continues regardless of the state of SCLK, however SCLK must
be low at the CONVST rising edge so that the device does not generate a busy indicator at the end of the
conversion.
Figure 61. Interface Timing Diagram: For Two Devices in Daisy-Chain Mode
At the end of conversion, every ADC in the chain loads its own conversion result into the internal, 18-bit, shift
register and also outputs the MSB bit of this conversion result on its own DOUT pin. All ADCs enter an
acquisition phase and power-down. On every subsequent SCLK falling edge, the internal shift register of each
ADC latches the data available on its DIN pin and shifts out the next bit of data on its DOUT pin. Therefore, the
digital host receives the data of ADC N, followed by the data of ADC N–1, and so on (in MSB-first fashion). A
total of 18 x N SCLK falling edges are required to capture the outputs of all N devices in the chain. Fast sampling
rates require high frequency SCLK and data must be read at SCLK falling edges. For slow sampling rates and
SCLK frequency
≤ 36 MHz, data can be read at either SCLK falling or rising edges. Note that with any SCLK
frequency, reading data at SCLK falling edge requires the digital host to clock in the data during the th_CK_DO-min
time frame.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com