Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF5045 Datasheet(PDF) 30 Page - Texas Instruments

Part # REF5045
Description  ADS8881x 18-Bit, 1-MSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF5045 Datasheet(HTML) 30 Page - Texas Instruments

Back Button REF5045 Datasheet HTML 26Page - Texas Instruments REF5045 Datasheet HTML 27Page - Texas Instruments REF5045 Datasheet HTML 28Page - Texas Instruments REF5045 Datasheet HTML 29Page - Texas Instruments REF5045 Datasheet HTML 30Page - Texas Instruments REF5045 Datasheet HTML 31Page - Texas Instruments REF5045 Datasheet HTML 32Page - Texas Instruments REF5045 Datasheet HTML 33Page - Texas Instruments REF5045 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 62 page
background image
CONVST
DOUT-
1
SCLK
DIN-
1
SDI
CLK
CNV
ADC 1
Digital Host
CONVST
DOUT-
2
SCLK
DIN-
2
ADC 2
CONVST
DOUT-
N
SCLK
DIN-
N-1
ADC N
CONVST
DOUT-
N-1
SCLK
DIN-
N-2
ADC N 1
}
}
30
ADS8881
SBAS547D – MAY 2013 – REVISED AUGUST 2015
www.ti.com
Product Folder Links: ADS8881
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Device Functional Modes (continued)
When conversion is complete, the device enters an acquisition phase and powers down, DOUT comes out of 3-
state, and the device outputs a busy indicator bit (low level) on the DOUT pin. This configuration provides a high-
to-low transition on the IRQ pin of the digital host. The data bits are clocked out, MSB first, on the subsequent
SCLK falling edges. Fast sampling rates require high frequency SCLK and data must be read at SCLK falling
edges. For slow sampling rates and SCLK frequency
≤ 36 MHz, data can be read at either SCLK falling or rising
edges. Note that with any SCLK frequency, reading data at SCLK falling edge requires the digital host to clock in
the data during the th_CK_DO-min time frame. DOUT goes to 3-state after the 19th SCLK falling edge or when DIN
goes high, whichever occurs first. Care must be taken so that CONVST and DIN are not both low together at any
time during the cycle.
10.4.2 Daisy-Chain Mode
Daisy-chain mode is selected if DIN is low at the time of a CONVST rising edge or if DIN and CONVST are
connected together. Similar to CS mode, this mode features operation with or without a busy indicator. The
following sections discuss these interface modes in detail.
10.4.2.1 Daisy-Chain Mode Without a Busy Indicator
This interface option is most useful in applications where multiple ADC devices are used but the digital host has
limited interfacing capability. Figure 60 shows a connection diagram with N ADCs connected in the daisy-chain.
The CONVST pins of all ADCs in the chain are connected together and are controlled by a single pin of the
digital host. Similarly, the SCLK pins of all ADCs in the chain are connected together and are controlled by a
single pin of the digital host. The DIN pin for ADC 1 (DIN-1) is connected to GND. The DOUT pin of ADC 1
(DOUT-1) is connected to the DIN pin of ADC 2 (DIN-2), and so on. The DOUT pin of the last ADC in the chain
(DOUT-N) is connected to the SDI pin of the digital host.
Figure 60. Connection Diagram: Daisy-Chain Mode Without a Busy Indicator (DIN = 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com