Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF5045 Datasheet(PDF) 6 Page - Texas Instruments

Part # REF5045
Description  ADS8881x 18-Bit, 1-MSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF5045 Datasheet(HTML) 6 Page - Texas Instruments

Back Button REF5045 Datasheet HTML 2Page - Texas Instruments REF5045 Datasheet HTML 3Page - Texas Instruments REF5045 Datasheet HTML 4Page - Texas Instruments REF5045 Datasheet HTML 5Page - Texas Instruments REF5045 Datasheet HTML 6Page - Texas Instruments REF5045 Datasheet HTML 7Page - Texas Instruments REF5045 Datasheet HTML 8Page - Texas Instruments REF5045 Datasheet HTML 9Page - Texas Instruments REF5045 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 62 page
background image
1
2
3
4
5
10
9
8
7
6
REF
AVDD
AINP
AINN
GND
CONVST
DOUT
SCLK
DIN
DVDD
Thermal
PAD
1
2
3
4
5
10
9
8
7
6
REF
AVDD
AINP
AINN
GND
CONVST
DOUT
SCLK
DIN
DVDD
6
ADS8881
SBAS547D – MAY 2013 – REVISED AUGUST 2015
www.ti.com
Product Folder Links: ADS8881
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
7 Pin Configurations and Functions
DGS Package
VSSOP-10
Top View, Not to Scale
DRC Package
VSON-10
Top View, Not to Scale
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
AINN
4
Analog input
Inverting analog signal input
AINP
3
Analog input
Noninverting analog signal input
AVDD
2
Analog
Analog power supply. This pin must be decoupled to GND with a 1-μF capacitor.
CONVST
6
Digital input
Convert input. This pin also functions as the CS input in 3-wire interface mode; see the
Description and Timing Requirements sections for more details.
DIN
9
Digital input
Serial data input. The DIN level at the start of a conversion selects the mode of operation
(such as CS or daisy-chain mode). This pin also serves as the CS input in 4-wire interface
mode; see the Description and Timing Requirements sections for more details.
DOUT
7
Digital output
Serial data output
DVDD
10
Power supply
Digital interface power supply. This pin must be decoupled to GND with a 1-μF capacitor.
GND
5
Analog, digital
Device ground. Note that this pin is a common ground pin for both the analog power supply
(AVDD) and digital I/O supply (DVDD). The reference return line is also internally connected to
this pin.
REF
1
Analog
Positive reference input. This pin must be decoupled with a 10-μF or larger capacitor.
SCLK
8
Digital input
Clock input for serial interface. Data output (on DOUT) are synchronized with this clock.
Thermal
pad
Thermal pad
Exposed thermal pad (only for the DRC package option). Texas Instruments recommends
connecting the thermal pad to the printed circuit board (PCB) ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com