Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58WT064KB Datasheet(PDF) 34 Page - Numonyx B.V

Part # M58WT064KB
Description  32- and 64-Mbit (횞16, multiple bank, burst) 1.8 V core, 3.0 V I/O supply Flash memories
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58WT064KB Datasheet(HTML) 34 Page - Numonyx B.V

Back Button M58WT064KB Datasheet HTML 30Page - Numonyx B.V M58WT064KB Datasheet HTML 31Page - Numonyx B.V M58WT064KB Datasheet HTML 32Page - Numonyx B.V M58WT064KB Datasheet HTML 33Page - Numonyx B.V M58WT064KB Datasheet HTML 34Page - Numonyx B.V M58WT064KB Datasheet HTML 35Page - Numonyx B.V M58WT064KB Datasheet HTML 36Page - Numonyx B.V M58WT064KB Datasheet HTML 37Page - Numonyx B.V M58WT064KB Datasheet HTML 38Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 117 page
background image
Command interface - factory program commands
M58WTxxxKT, M58WTxxxKB
34/117
6.4.3
Program and verify phase
In the program and verify phase the four words that were loaded in the load phase are
programmed in the memory array and then verified by the Program/Erase Controller. If any
errors are found, the Program/Erase Controller reprograms the location. During this phase
the Status Register shows that the Program/Erase Controller is busy, the Status Register bit
SR7 is set to ‘0’, and that the device is not waiting for new data (Status Register bit SR0 set
to ‘1’). When Status Register bit SR0 is set to ‘0’ the program and verify phase has
terminated.
Once the verify phase has successfully completed, subsequent pages in the same block
can be loaded and programmed. The device returns to the beginning of the load phase by
issuing one bus write operation to latch the address and the first of the four new words to be
programmed.
6.4.4
Exit phase
Finally, after all the pages have been programmed, write one bus write operation with data
FFFFh to any address outside the block containing the start address, to terminate the load
and program and verify phases.
Status Register bit SR7 set to ‘1’ and bit SR0 set to ‘0’ indicate that the Quadruple
Enhanced Factory Program command has terminated. A full Status Register check should
be done to ensure that the block has been successfully programmed. See Section 7: Status
Register for more details.
If the program and verify phase has successfully completed the memory returns to read
mode. If the P/EC fails to program and reprogram a given location, the error is signaled in
the Status Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com