Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58WT064KB Datasheet(PDF) 26 Page - Numonyx B.V

Part # M58WT064KB
Description  32- and 64-Mbit (횞16, multiple bank, burst) 1.8 V core, 3.0 V I/O supply Flash memories
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58WT064KB Datasheet(HTML) 26 Page - Numonyx B.V

Back Button M58WT064KB Datasheet HTML 22Page - Numonyx B.V M58WT064KB Datasheet HTML 23Page - Numonyx B.V M58WT064KB Datasheet HTML 24Page - Numonyx B.V M58WT064KB Datasheet HTML 25Page - Numonyx B.V M58WT064KB Datasheet HTML 26Page - Numonyx B.V M58WT064KB Datasheet HTML 27Page - Numonyx B.V M58WT064KB Datasheet HTML 28Page - Numonyx B.V M58WT064KB Datasheet HTML 29Page - Numonyx B.V M58WT064KB Datasheet HTML 30Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 117 page
background image
Command interface - standard commands
M58WTxxxKT, M58WTxxxKB
26/117
5.13
Block Unlock command
The Block Unlock command unlocks a block, allowing the block to be programmed or
erased. Two bus write cycles are required to issue the Block Unlock command:
●
The first bus cycle sets up the Block Unlock command.
●
The second bus write cycle latches the block address.
The lock status can be monitored for each block using the Read Electronic Signature
command. Table 16 shows the protection status after issuing a Block Unlock command.
Refer to Section 11: Block locking for a detailed explanation and Appendix C, Figure 26:
Locking operations flowchart and pseudo code for a flowchart for using the Unlock
command.
5.14
Block Lock-Down command
A locked or unlocked block can be locked down by issuing the Block Lock-Down command.
A locked-down block cannot be programmed or erased, or have its protection status
changed when WP is low, VIL. When WP is high, VIH, the lock-down function is disabled and
the locked blocks can be individually unlocked by the Block Unlock command.
Two bus write cycles are required to issue the Block Lock-Down command:
●
The first bus cycle sets up the Block Lock command.
●
The second bus write cycle latches the block address.
The lock status can be monitored for each block using the Read Electronic Signature
command. Locked-down blocks revert to the locked (and not locked-down) state when the
device is reset on power-down. Table 16 shows the lock status after issuing a Block Lock-
Down command. Refer to Section 11: Block locking for a detailed explanation and Appendix
C, Figure 26: Locking operations flowchart and pseudo code for a flowchart for using the
Lock-Down command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com