Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58WT064KB Datasheet(PDF) 23 Page - Numonyx B.V

Part # M58WT064KB
Description  32- and 64-Mbit (횞16, multiple bank, burst) 1.8 V core, 3.0 V I/O supply Flash memories
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58WT064KB Datasheet(HTML) 23 Page - Numonyx B.V

Back Button M58WT064KB Datasheet HTML 19Page - Numonyx B.V M58WT064KB Datasheet HTML 20Page - Numonyx B.V M58WT064KB Datasheet HTML 21Page - Numonyx B.V M58WT064KB Datasheet HTML 22Page - Numonyx B.V M58WT064KB Datasheet HTML 23Page - Numonyx B.V M58WT064KB Datasheet HTML 24Page - Numonyx B.V M58WT064KB Datasheet HTML 25Page - Numonyx B.V M58WT064KB Datasheet HTML 26Page - Numonyx B.V M58WT064KB Datasheet HTML 27Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 117 page
background image
M58WTxxxKT, M58WTxxxKB
Command interface - standard commands
23/117
5.6
Block Erase command
The Block Erase command erases a block. It sets all the bits within the selected block to ’1’.
All previous data in the block is lost. If the block is protected then the erase operation aborts,
the data in the block does not change, and the Status Register outputs the error. The Block
Erase command can be issued at any moment, regardless of whether the block has been
programmed or not.
Two bus write cycles are required to issue the command:
●
The first bus cycle sets up the erase command
●
The second latches the block address in the Program/Erase Controller and starts it
If the second bus cycle is not Write Erase Confirm (D0h), Status Register bits SR4 and SR5
are set and the command aborts. Erase aborts if Reset turns to VIL. As data integrity cannot
be guaranteed when the erase operation is aborted, the block must be erased again.
Once the command is issued, the device outputs the Status Register data when any
address within the bank is read. At the end of the operation the bank remains in Read
Status Register mode until a Read Array, Read CFI Query, or Read Electronic Signature
command is issued.
During erase operations the bank containing the block being erased only accepts the Read
Array, Read Status Register, Read Electronic Signature, Read CFI Query and the
Program/Erase Suspend commands; all other commands are ignored. Refer to Section 10
for detailed information about simultaneous operations allowed in banks not being erased.
Typical erase times are given in Table 17: Program/erase times and endurance cycles.
See Appendix C, Figure 24: Block erase flowchart and pseudo code for a suggested
flowchart for using the Block Erase command.
5.7
Program command
The memory array can be programmed word-by-word. Only one word in one bank can be
programmed at any one time. If the block is protected, the program operation aborts, the
data in the block does not change, and the Status Register outputs the error.
Two bus write cycles are required to issue the Program command:
●
The first bus cycle sets up the Program command
●
The second latches the address and the data to be written and starts the
Program/Erase Controller
After programming has started, read operations in the bank being programmed output the
Status Register content.
During Program operations the bank being programmed only accepts the Read Array, Read
Status Register, Read Electronic Signature, Read CFI Query and the Program/Erase
Suspend commands. Refer to Section 10 for detailed information about simultaneous
operations allowed in banks not being programmed. Typical program times are given in
Table 17: Program/erase times and endurance cycles.
Programming aborts if Reset goes to VIL. As data integrity cannot be guaranteed when the
program operation is aborted, the memory location must be reprogrammed.
See Appendix C, Figure 20: Program flowchart and pseudo code for the flowchart for using
the Program command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com